Electronic Components Datasheet Search
  English  ▼

X  

1753534 Datasheet(PDF) 1 Page - PHOENIX CONTACT

Part # 1753534
Description  MSTB 2,5/ 7-ST
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

1753534 Datasheet(HTML) 1 Page - PHOENIX CONTACT

  1753534 Datasheet HTML 1Page - PHOENIX CONTACT 1753534 Datasheet HTML 2Page - PHOENIX CONTACT 1753534 Datasheet HTML 3Page - PHOENIX CONTACT 1753534 Datasheet HTML 4Page - PHOENIX CONTACT 1753534 Datasheet HTML 5Page - PHOENIX CONTACT 1753534 Datasheet HTML 6Page - PHOENIX CONTACT  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
PHOENIX CONTACT Deutschland GmbH
Page 1 / 6
http://www.phoenixcontact.de
Feb 24, 2010
Extract from the online
catalog
 
MSTB 2,5/ 7-ST
Order No.: 1754546
The figure shows a 10-position version of the product
http://eshop.phoenixcontact.de/phoenix/treeViewClick.do?UID=1754546
 
 
Plug component, Nominal current: 12 A, Nom. voltage: 250 V, Pitch:
5 mm, Number of positions: 7, Connection type: Screw connection,
Color: green
 
Commercial data
EAN
4017918028718
Pack
50 pcs.
Customs tariff
85366990
Weight/Piece
0.011949 KG
Catalog page information
Page 198 (CC-2009)
Product notes
WEEE/RoHS-compliant since:
01/01/2003
http://
www.download.phoenixcontact.com
Please note that the data given
here has been taken from the
online catalog. For comprehensive
information and data, please refer
to the user documentation. The
General Terms and Conditions of
Use apply to Internet downloads.
Technical data
Dimensions / positions
Pitch
5 mm
Dimension a
30 mm
Number of positions
7
Screw thread
M3


Similar Part No. - 1753534

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1753534 PHOENIX-1753534 Datasheet
113Kb / 7P
Base strip - MSTBV 2,5/ 7-G
1753534 PHOENIX-1753534 Datasheet
170Kb / 6P
MVSTBR 2,5/ 7-ST
1753534 PHOENIX-1753534 Datasheet
151Kb / 6P
MVSTBW 2,5/ 7-ST
More results

Similar Description - 1753534

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1746583 PHOENIX-1746583 Datasheet
103Kb / 4P
MSTB 2,5/ 7-ST-5,08 BD:1-7
1754449 PHOENIX-1754449 Datasheet
142Kb / 6P
MSTB 2,5/ 2-ST
1754481 PHOENIX-1754481 Datasheet
142Kb / 6P
MSTB 2,5/ 4-ST
1754504 PHOENIX-1754504 Datasheet
259Kb / 7P
MSTB 2,5/ 5-ST
1754562 PHOENIX-1754562 Datasheet
142Kb / 6P
MSTB 2,5/ 8-ST
1754627 PHOENIX-1754627 Datasheet
782Kb / 20P
MSTB 2,5/11-ST
1756155 PHOENIX-1756155 Datasheet
104Kb / 2P
MSTB 2,5/ 7-ST CRWH
1757064 PHOENIX-1757064 Datasheet
149Kb / 8P
MSTB 2,5/ 7-ST-5,08
1756353 PHOENIX-1756353 Datasheet
96Kb / 2P
MSTB 2,5/ 7-ST BK
1777633 PHOENIX-1777633 Datasheet
102Kb / 3P
MSTB 2,5/ 7-ST-5,08 (1357)
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com