Electronic Components Datasheet Search
  English  ▼

X  

1754795 Datasheet(PDF) 1 Page - PHOENIX CONTACT

Part # 1754795
Description  Base strip - MSTB 2,5/20-G
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

1754795 Datasheet(HTML) 1 Page - PHOENIX CONTACT

  1754795 Datasheet HTML 1Page - PHOENIX CONTACT 1754795 Datasheet HTML 2Page - PHOENIX CONTACT 1754795 Datasheet HTML 3Page - PHOENIX CONTACT 1754795 Datasheet HTML 4Page - PHOENIX CONTACT 1754795 Datasheet HTML 5Page - PHOENIX CONTACT 1754795 Datasheet HTML 6Page - PHOENIX CONTACT 1754795 Datasheet HTML 7Page - PHOENIX CONTACT  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
https://www.phoenixcontact.com/us/produkte/1754795
11.10.2012   Page 1 / 7
Base strip - MSTB 2,5/20-G - 1754795
Please be informed that the data shown in this PDF Document is generated from our Online Catalog. Please find the complete data in
the user's documentation. Our General Terms of Use for Downloads are valid
(http://download.phoenixcontact.com)
Header, Nominal current: 12 A, Rated voltage (III/2): 320 V, Number of positions: 20, Pitch: 5 mm,
Color: green, Contact surface: Tin, Assembly: Soldering
The figure shows a 10-position
version of the product
 
Key commercial data
Packing unit
1
Minimum order quantity
50
Catalog page
Page 166 (CC-2005)
GTIN
Custom tariff number
85366990
Country of origin
GERMANY
Technical data
Dimensions / positions
Length
12 mm
Pitch
5 mm
Dimension a
95 mm
Number of positions
20
Pin dimensions
1 x 1 mm
Hole diameter
1.4 mm
Technical data
Range of articles
MSTB 2,5/..-G
Insulating material group
IIIa
Rated surge voltage (III/3)
4 kV
Rated surge voltage (III/2)
4 kV
Rated surge voltage (II/2)
4 kV
Rated voltage (III/2)
320 V
Rated voltage (II/2)
400 V
Connection in acc. with standard
EN-VDE


Similar Part No. - 1754795

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1754791 PHOENIX-1754791 Datasheet
69Kb / 4P
Printed-circuit board connector - FKCN 2,5/ 2-STF-5,08
More results

Similar Description - 1754795

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1754575 PHOENIX-1754575 Datasheet
115Kb / 7P
Base strip - MSTB 2,5/ 9-G
1754672 PHOENIX-1754672 Datasheet
115Kb / 7P
Base strip - MSTB 2,5/14-G
1754711 PHOENIX-1754711 Datasheet
116Kb / 7P
Base strip - MSTB 2,5/16-G
1754753 PHOENIX-1754753 Datasheet
110Kb / 7P
Base strip - MSTB 2,5/18-G
1754656 PHOENIX-1754656 Datasheet
118Kb / 8P
Base strip - MSTB 2,5/13-G
1754737 PHOENIX-1754737 Datasheet
60Kb / 3P
Base strip - MSTB 2,5/17-G
1754818 PHOENIX-1754818 Datasheet
60Kb / 3P
Base strip - MSTB 2,5/21-G
1754834 PHOENIX-1754834 Datasheet
59Kb / 3P
Base strip - MSTB 2,5/22-G
1759198 PHOENIX-1759198 Datasheet
119Kb / 8P
Base strip - MSTB 2,5/20-G-5,08
1770892 PHOENIX-1770892 Datasheet
66Kb / 3P
Base strip - MSTB 2,5/20-G-5,08-LA
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com