Electronic Components Datasheet Search
  English  ▼

X  

1753712 Datasheet(PDF) 1 Page - PHOENIX CONTACT

Part # 1753712
Description  MSTB 2,5/16-ST
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

1753712 Datasheet(HTML) 1 Page - PHOENIX CONTACT

  1753712 Datasheet HTML 1Page - PHOENIX CONTACT 1753712 Datasheet HTML 2Page - PHOENIX CONTACT 1753712 Datasheet HTML 3Page - PHOENIX CONTACT 1753712 Datasheet HTML 4Page - PHOENIX CONTACT 1753712 Datasheet HTML 5Page - PHOENIX CONTACT 1753712 Datasheet HTML 6Page - PHOENIX CONTACT  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
PHOENIX CONTACT Deutschland GmbH
Page 1 / 6
http://www.phoenixcontact.de
Feb 24, 2010
Extract from the online
catalog
 
MSTB 2,5/16-ST
Order No.: 1754724
The figure shows a 10-position version of the product
http://eshop.phoenixcontact.de/phoenix/treeViewClick.do?UID=1754724
 
 
Plug component, Nominal current: 12 A, Nom. voltage: 250 V, Pitch:
5 mm, Number of positions: 16, Connection type: Screw connection,
Color: green
 
Commercial data
EAN
4017918028893
Pack
50 pcs.
Customs tariff
85366990
Weight/Piece
0.02754 KG
Catalog page information
Page 198 (CC-2009)
Product notes
WEEE/RoHS-compliant since:
01/01/2003
http://
www.download.phoenixcontact.com
Please note that the data given
here has been taken from the
online catalog. For comprehensive
information and data, please refer
to the user documentation. The
General Terms and Conditions of
Use apply to Internet downloads.
Technical data
Dimensions / positions
Pitch
5 mm
Dimension a
75 mm
Number of positions
16
Screw thread
M3


Similar Part No. - 1753712

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1753712 PHOENIX-1753712 Datasheet
112Kb / 7P
Base strip - MSTBV 2,5/16-G
1753712 PHOENIX-1753712 Datasheet
149Kb / 6P
FRONT-MSTB 2,5/16-ST
1753712 PHOENIX-1753712 Datasheet
148Kb / 6P
MSTBT 2,5/16-ST
More results

Similar Description - 1753712

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1754449 PHOENIX-1754449 Datasheet
142Kb / 6P
MSTB 2,5/ 2-ST
1754504 PHOENIX-1754504 Datasheet
259Kb / 7P
MSTB 2,5/ 5-ST
1754562 PHOENIX-1754562 Datasheet
142Kb / 6P
MSTB 2,5/ 8-ST
1754627 PHOENIX-1754627 Datasheet
782Kb / 20P
MSTB 2,5/11-ST
1757158 PHOENIX-1757158 Datasheet
147Kb / 7P
MSTB 2,5/16-ST-5,08
1857391 PHOENIX-1857391 Datasheet
112Kb / 5P
MSTB 2,5/16-ST-5,08 BD:1-16
1703983 PHOENIX-1703983 Datasheet
50Kb / 3P
MSTB 2,5/ 5-ST BKBDWH:12-16
1756531 PHOENIX-1756531 Datasheet
96Kb / 2P
MSTB 2,5/16-ST BK
1779550 PHOENIX-1779550 Datasheet
149Kb / 6P
FRONT-MSTB 2,5/16-ST
1777426 PHOENIX-1777426 Datasheet
154Kb / 7P
FRONT-MSTB 2,5/16-ST-5,08
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com