Electronic Components Datasheet Search
  English  ▼

X  

STGP20NC60V Datasheet(PDF) 2 Page - STMicroelectronics

Part # STGP20NC60V
Description  N-CHANNEL 30A - 600V - TO-220/TO-247 Very Fast PowerMESH IGBT
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STGP20NC60V Datasheet(HTML) 2 Page - STMicroelectronics

  STGP20NC60V Datasheet HTML 1Page - STMicroelectronics STGP20NC60V Datasheet HTML 2Page - STMicroelectronics STGP20NC60V Datasheet HTML 3Page - STMicroelectronics STGP20NC60V Datasheet HTML 4Page - STMicroelectronics STGP20NC60V Datasheet HTML 5Page - STMicroelectronics STGP20NC60V Datasheet HTML 6Page - STMicroelectronics STGP20NC60V Datasheet HTML 7Page - STMicroelectronics STGP20NC60V Datasheet HTML 8Page - STMicroelectronics STGP20NC60V Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 11 page
background image
STGP20NC60V - STGW20NC60V
2/11
Table 3: Absolute Maximum ratings
(1)Pulse width limited by max. junction temperature.
Table 4: Thermal Data
ELECTRICAL CHARACTERISTICS (TCASE =25°C UNLESS OTHERWISE SPECIFIED)
Table 5: Off
Table 6: On
(#) Calculated according to the iterative formula:
Symbol
Parameter
Value
Symbol
VCES
Collector-Emitter Voltage (VGS = 0)
600
V
VECR
Reverse Battery Protection
20
V
VGE
Gate-Emitter Voltage
± 20
V
IC
Collector Current (continuous) at 25°C (#)
60
A
IC
Collector Current (continuous) at 100°C (#)
30
A
ICM (1)
Collector Current (pulsed)
100
A
PTOT
Total Dissipation at TC = 25°C
200
W
Derating Factor
1.6
W/°C
Tstg
Storage Temperature
– 55 to 150
°C
Tj
Operating Junction Temperature
Min.
Typ.
Max.
Rthj-case
Thermal Resistance Junction-case
0.625
°C/W
Rthj-amb
Thermal Resistance Junction-ambient
TO-220
62.5
°C/W
TO-247
50
TL
Maximum Lead Temperature for Soldering
Purpose (1.6 mm from case, for 10 sec.)
300
°C
Symbol
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
VBR(CES)
Collectro-Emitter Breakdown
Voltage
IC = 1 mA, VGE = 0
600
V
ICES
Collector-Emitter Leakage
Current (VCE = 0)
VGE = Max Rating
Tc=25°C
Tc=125°C
10
1
µA
mA
IGES
Gate-Emitter Leakage
Current (VCE = 0)
VGE = ± 20 V , VCE = 0
± 100
nA
Symbol
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
VGE(th)
Gate Threshold Voltage
VCE= VGE, IC= 250 µA
3.75
5.75
V
VCE(SAT)
Collector-Emitter Saturation
Voltage
VGE= 15 V, IC= 20A, Tj= 25°C
VGE= 15 V, IC= 20A,
Tj= 125°C
1.8
1.7
2.5
V
V
I
C
T
C
()
T
JMAX
T
C
–
R
THJ
C
–
V
CE SAT M AX
() TC IC
,
()
×
--------------------------------------------------------------------------------------------------
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com