Electronic Components Datasheet Search
  English  ▼

X  

HAT2016R Datasheet(PDF) 3 Page - VBsemi Electronics Co.,Ltd

Part # HAT2016R
Description  Dual N-Channel 30-V (D-S) MOSFET
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VBSEMI [VBsemi Electronics Co.,Ltd]
Direct Link  www.VBsemi.com
Logo VBSEMI - VBsemi Electronics Co.,Ltd

HAT2016R Datasheet(HTML) 3 Page - VBsemi Electronics Co.,Ltd

  HAT2016R Datasheet HTML 1Page - VBsemi Electronics Co.,Ltd HAT2016R Datasheet HTML 2Page - VBsemi Electronics Co.,Ltd HAT2016R Datasheet HTML 3Page - VBsemi Electronics Co.,Ltd HAT2016R Datasheet HTML 4Page - VBsemi Electronics Co.,Ltd HAT2016R Datasheet HTML 5Page - VBsemi Electronics Co.,Ltd HAT2016R Datasheet HTML 6Page - VBsemi Electronics Co.,Ltd HAT2016R Datasheet HTML 7Page - VBsemi Electronics Co.,Ltd HAT2016R Datasheet HTML 8Page - VBsemi Electronics Co.,Ltd HAT2016R Datasheet HTML 9Page - VBsemi Electronics Co.,Ltd  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
TYPICAL CHARACTERISTICS 25 °C, unless otherwise noted
Output Characteristics
On-Resistance vs. Drain Current
Gate Charge
0
6
12
18
24
30
0.0
0.5
1.0
1.5
2.0
2.5
VGS =10 V thru 5 V
VGS =4 V
VGS =3 V
VDS - Drain-to-Source Voltage (V)
0.000
0.016
0.032
0.048
0.064
0.080
0
6
12
18
24
30
VGS =4.5 V
VGS =10 V
ID - Drain Current (A)
0
2
4
6
8
10
0.0
1.7
3.4
5.1
6.88.5
VDS =15 V
VDS =10 V
ID =5A
VDS =20 V
Qg - Total Gate Charge (nC)
Transfer Characteristics
Capacitance
On-Resistance vs. Junction Temperature
0
2
4
6
8
10
0
1234
5
TC = 25 °C
TC =125 °C
TC = - 55 °C
VGS - Gate-to-Source Voltage (V)
Crss
0
110
220
330
440
550
06
12
18
24
30
Ciss
Coss
VDS - Drain-to-Source Voltage (V)
0.7
0.9
1.1
1.3
1.5
1.7
- 50
- 25
0
25
50
75
100
125
150
ID =5A
VGS =4.5 V
VGS =10 V
TJ -Junction Temperature (°C)
www.VBsemi.tw
E-mail:China@VBsemi TEL:86-755-83251052
HAT2016R
33



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com