Electronic Components Datasheet Search
  English  ▼

X  

1792317 Datasheet(PDF) 1 Page - PHOENIX CONTACT

Part # 1792317
Description  MSTBVA 2,5/ 9-G-5,08
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

1792317 Datasheet(HTML) 1 Page - PHOENIX CONTACT

  1792317 Datasheet HTML 1Page - PHOENIX CONTACT 1792317 Datasheet HTML 2Page - PHOENIX CONTACT 1792317 Datasheet HTML 3Page - PHOENIX CONTACT 1792317 Datasheet HTML 4Page - PHOENIX CONTACT 1792317 Datasheet HTML 5Page - PHOENIX CONTACT 1792317 Datasheet HTML 6Page - PHOENIX CONTACT  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
PHOENIX CONTACT Deutschland GmbH
Page 1 / 6
http://www.phoenixcontact.de
Feb 24, 2010
Extract from the online
catalog
 
MSTBVA 2,5/ 9-G-5,08
Order No.: 1755804
The figure shows a 10-position version of the product
http://eshop.phoenixcontact.de/phoenix/treeViewClick.do?UID=1755804
 
 
Header, Nominal current: 12 A, Nom. voltage: 250 V, Pitch: 5.08 mm,
Number of positions: 9, Color: green, Assembly: Soldering
 
Commercial data
EAN
4017918029388
Pack
50 pcs.
Customs tariff
85366990
Weight/Piece
0.004095 KG
Catalog page information
Page 251 (CC-2009)
Product notes
WEEE/RoHS-compliant since:
01/01/2003
http://
www.download.phoenixcontact.com
Please note that the data given
here has been taken from the
online catalog. For comprehensive
information and data, please refer
to the user documentation. The
General Terms and Conditions of
Use apply to Internet downloads.
Technical data
Dimensions / positions
Length
8.6 mm
Pitch
5.08 mm
Dimension a
40.64 mm
Number of positions
9
Pin dimensions
1 x 1 mm


Similar Part No. - 1792317

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1792317 PHOENIX-1792317 Datasheet
175Kb / 7P
MVSTBR 2,5/ 9-ST-5,08
1792317 PHOENIX-1792317 Datasheet
185Kb / 6P
MDSTB 2,5/ 9-G1-5,08
1792317 PHOENIX-1792317 Datasheet
149Kb / 6P
EMSTBVA 2,5/ 9-G-5,08
1792317 PHOENIX-1792317 Datasheet
149Kb / 6P
MSTBW 2,5/ 9-G-5,08
More results

Similar Description - 1792317

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1755778 PHOENIX-1755778 Datasheet
152Kb / 6P
MSTBVA 2,5/ 6-G-5,08
1755781 PHOENIX-1755781 Datasheet
152Kb / 6P
MSTBVA 2,5/ 7-G-5,08
1755794 PHOENIX-1755794 Datasheet
152Kb / 6P
MSTBVA 2,5/ 8-G-5,08
1755817 PHOENIX-1755817 Datasheet
152Kb / 6P
MSTBVA 2,5/10-G-5,08
1755820 PHOENIX-1755820 Datasheet
152Kb / 6P
MSTBVA 2,5/11-G-5,08
1755846 PHOENIX-1755846 Datasheet
152Kb / 6P
MSTBVA 2,5/13-G-5,08
1746130 PHOENIX-1746130 Datasheet
65Kb / 3P
Base strip - MSTBVA 2,5/ 9-G-5,08 AU
1920859 PHOENIX-1920859 Datasheet
97Kb / 2P
MSTBVA 2,5/ 9-G-5,08 LBGY
1936089 PHOENIX-1936089 Datasheet
223Kb / 8P
PCB header - MSTBVA 2,5/ 9-G-5,08-RN
Jan 10, 2023
1924376 PHOENIX-1924376 Datasheet
344Kb / 11P
PCB header - MSTBVA 2,5 HC/ 9-G-5,08
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com