Electronic Components Datasheet Search
  English  ▼

X  

IRF540ZPBF Datasheet(PDF) 1 Page - VBsemi Electronics Co.,Ltd

Part # IRF540ZPBF
Description  N-Channel 100-V (D-S) MOSFET
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VBSEMI [VBsemi Electronics Co.,Ltd]
Direct Link  www.VBsemi.com
Logo VBSEMI - VBsemi Electronics Co.,Ltd

IRF540ZPBF Datasheet(HTML) 1 Page - VBsemi Electronics Co.,Ltd

  IRF540ZPBF Datasheet HTML 1Page - VBsemi Electronics Co.,Ltd IRF540ZPBF Datasheet HTML 2Page - VBsemi Electronics Co.,Ltd IRF540ZPBF Datasheet HTML 3Page - VBsemi Electronics Co.,Ltd IRF540ZPBF Datasheet HTML 4Page - VBsemi Electronics Co.,Ltd IRF540ZPBF Datasheet HTML 5Page - VBsemi Electronics Co.,Ltd IRF540ZPBF Datasheet HTML 6Page - VBsemi Electronics Co.,Ltd IRF540ZPBF Datasheet HTML 7Page - VBsemi Electronics Co.,Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
N-Channel 100-V (D-S) MOSFET
FEATURES
•
TrenchFET® Power MOSFET
•
175 °C Junction Temperature
•
Low Thermal Resistance Package
•
100 % Rg Tested
APPLICATIONS
•
Isolated DC/DC Converters
PRODUCT SUMMARY
V(BR)DSS (V)
rDS(on) (Ω)ID (A)
100
0.0
18 at VGS = 10 V
70a
N-Channel MOSFET
G
D
S
Notes:
a. Package limited.
b. Duty cycle
≤ 1 %.
c. See SOA curve for voltage derating.
d. When Mounted on 1" square PCB (FR-4 material).
ABSOLUTE MAXIMUM RATINGS TC = 25 °C, unless otherwise noted
Parameter
Symbol
Limit
Unit
Drain-Source Voltage
VDS
100
V
Gate-Source Voltage
VGS
± 20
Continuous Drain Current (TJ = 175 °C)
TC = 25 °C
ID
a
A
TC = 125 °C
3
5a
Pulsed Drain Current
IDM
1
45
Avalanche Current
L = 0.1 mH
IAS
3
1
Single Pulse Avalanche Energyb
EAS
6
0
mJ
Maximum Power Dissipationb
TC = 25 °C
PD
3
55c
W
TA = 25 °C
d
3.
35
Operating Junction and Storage Temperature Range
TJ, Tstg
- 55 to 175
°C
THERMAL RESISTANCE RATINGS
Parameter
Symbol
Limit
Unit
Junction-to-Ambient
PCB Mount
RthJA
40
°C/W
Junction-to-Case (Drain)
RthJC
0.4
RoHS
COMPLIANT
TO-220AB
Top View
GD S
7
0
E-mail:China@VBsemi TEL:86-755-83251052
www.VBsemi.tw
IRF540ZPBF
1


Similar Part No. - IRF540ZPBF

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRF540ZPBF IRF-IRF540ZPBF Datasheet
349Kb / 12P
AUTOMOTIVE MOSFET
IRF540ZPBF IRF-IRF540ZPBF Datasheet
384Kb / 12P
Advanced Process Technology
IRF540ZPBF IRF-IRF540ZPBF Datasheet
384Kb / 12P
Advanced Process Technology
IRF540ZPBF IRF-IRF540ZPBF_15 Datasheet
384Kb / 12P
Advanced Process Technology
More results

Similar Description - IRF540ZPBF

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SI2328DS VISHAY-SI2328DS Datasheet
41Kb / 4P
N-Channel 100-V (D-S) MOSFET
25-Dec-01
logo
Guangdong Kexin Industr...
KI2328DS KEXIN-KI2328DS Datasheet
51Kb / 2P
N-Channel 100-V (D-S) MOSFET
logo
Vishay Siliconix
SI4102DY VISHAY-SI4102DY Datasheet
209Kb / 4P
N-Channel 100-V (D-S) MOSFET
08-Oct-07
SI7454DP VISHAY-SI7454DP_06 Datasheet
196Kb / 4P
N-Channel 100-V (D-S) MOSFET
13-Feb-06
SI7456DDP VISHAY-SI7456DDP Datasheet
482Kb / 13P
N-Channel 100 V (D-S) MOSFET
21-May-12
logo
Analog Power
AM4490NE ANALOGPOWER-AM4490NE Datasheet
364Kb / 5P
N-Channel 100-V (D-S) MOSFET
AM90N10-23P ANALOGPOWER-AM90N10-23P Datasheet
129Kb / 3P
N-Channel 100-V (D-S) MOSFET
AM7412N ANALOGPOWER-AM7412N Datasheet
99Kb / 3P
N-Channel 100-V (D-S) MOSFET
logo
Vishay Siliconix
SI4190DY-T1-GE3 VISHAY-SI4190DY-T1-GE3 Datasheet
271Kb / 10P
N-Channel 100 V (D-S) MOSFET
22-Nov-10
SIR876DP VISHAY-SIR876DP Datasheet
191Kb / 9P
N-Channel 100 V (D-S) MOSFET
22-Nov-10
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com