Electronic Components Datasheet Search
  English  ▼

X  

1646821 Datasheet(PDF) 1 Page - Festo Corporation.

Part # 1646821
Description  ISO cylinder
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FESTO [Festo Corporation.]
Direct Link  https://www.festo.com/us/en/
Logo FESTO - Festo Corporation.

1646821 Datasheet(HTML) 1 Page - Festo Corporation.

  1646821 Datasheet HTML 1Page - Festo Corporation. 1646821 Datasheet HTML 2Page - Festo Corporation.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
ISO cylinder
DSBG-100-160-PPSA-N3
Part number: 1646821
Data sheet
Feature
Value
Piston seal material
TPE-U(PU)
Piston rod wiper seal material
TPE-U(PU)
Cushion piston material
POM
Buffer seal material
TPE-U(PU)
Material of piston
Wrought aluminum alloy
Werkstoff Bundmutter
Stahl, verzinkt
Nut material
Steel, galvanized
Material of bearing
POM
Tie rod material
hochlegierter Stahl
Stroke
160 mm
Piston diameter
100 mm
Piston rod thread
M20x1.5
Type code
DSBG
Cushioning
Self-adjusting pneumatic end-position cushioning
Mounting position
Any
Conforms to standard
ISO 15552
Piston rod end
External thread
Design
Cylinder barrel
Tie rod
Piston rod
Piston
Position sensing
For proximity sensor
Symbol
00992970
Variants
Piston rod at one end
Operating pressure
0.4 bar ... 12 bar
Mode of operation
Double-acting
Operating medium
Compressed air as per ISO 8573-1:2010 [7:4:4]
Information on operating and pilot media
Operation with oil lubrication possible (required for further use)
Corrosion resistance class (CRC)
2 - Moderate corrosion stress
Ambient temperature
-20 °C ... 80 °C
Impact energy in the end positions
2.5 J
Cushioning length
31 mm
Theoretical force at 6 bar, retracting
4418 N
Theoretical force at 6 bar, advancing
4712 N
Moving mass at 0 mm stroke
1000 g
Additional weight per 10 mm stroke
94 g
5/21/20 - Subject to change - Festo AG & Co. KG
1/2


Similar Part No. - 1646821

ManufacturerPart #DatasheetDescription
logo
Festo Corporation.
1646820 FESTO-1646820 Datasheet
93Kb / 2P
ISO cylinder
1646822 FESTO-1646822 Datasheet
93Kb / 2P
ISO cylinder
1646823 FESTO-1646823 Datasheet
93Kb / 2P
ISO cylinder
1646824 FESTO-1646824 Datasheet
93Kb / 2P
ISO cylinder
1646825 FESTO-1646825 Datasheet
93Kb / 2P
ISO cylinder
More results

Similar Description - 1646821

ManufacturerPart #DatasheetDescription
logo
Festo Corporation.
DSNU-12-25-P-A FESTO-DSNU-12-25-P-A Datasheet
43Kb / 2P
ISO cylinder
DSNU-12-160-P-A FESTO-DSNU-12-160-P-A Datasheet
36Kb / 2P
ISO cylinder
DSNU-16-10-PPS-A FESTO-DSNU-16-10-PPS-A Datasheet
37Kb / 2P
ISO cylinder
DSNU-16-100-P-A FESTO-DSNU-16-100-P-A Datasheet
39Kb / 2P
ISO cylinder
DSNU-16-150-PPV-A FESTO-DSNU-16-150-PPV-A Datasheet
39Kb / 2P
ISO cylinder
DSNU-16-60-P-A FESTO-DSNU-16-60-P-A Datasheet
41Kb / 2P
ISO cylinder
DSNU-16-70-P-A FESTO-DSNU-16-70-P-A Datasheet
40Kb / 2P
ISO cylinder
DSNU-16-80-P-A FESTO-DSNU-16-80-P-A Datasheet
40Kb / 2P
ISO cylinder
DSNU-16-80-PPV-A FESTO-DSNU-16-80-PPV-A Datasheet
42Kb / 2P
ISO cylinder
DSNU-20-10-PPS-A FESTO-DSNU-20-10-PPS-A Datasheet
38Kb / 1P
ISO cylinder
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com