Electronic Components Datasheet Search
  English  ▼

X  

1786048 Datasheet(PDF) 1 Page - PHOENIX CONTACT

Part # 1786048
Description  MSTBVA 2,5/12-G-5,08
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

1786048 Datasheet(HTML) 1 Page - PHOENIX CONTACT

  1786048 Datasheet HTML 1Page - PHOENIX CONTACT 1786048 Datasheet HTML 2Page - PHOENIX CONTACT 1786048 Datasheet HTML 3Page - PHOENIX CONTACT 1786048 Datasheet HTML 4Page - PHOENIX CONTACT 1786048 Datasheet HTML 5Page - PHOENIX CONTACT 1786048 Datasheet HTML 6Page - PHOENIX CONTACT  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
PHOENIX CONTACT Deutschland GmbH
Page 1 / 6
http://www.phoenixcontact.de
Feb 24, 2010
Extract from the online
catalog
 
MSTBVA 2,5/12-G-5,08
Order No.: 1755833
The figure shows a 10-position version of the product
http://eshop.phoenixcontact.de/phoenix/treeViewClick.do?UID=1755833
 
 
Header, Nominal current: 12 A, Nom. voltage: 250 V, Pitch: 5.08 mm,
Number of positions: 12, Color: green, Assembly: Soldering
 
Commercial data
EAN
4017918029418
Pack
50 pcs.
Customs tariff
85366990
Weight/Piece
0.00532 KG
Catalog page information
Page 251 (CC-2009)
Product notes
WEEE/RoHS-compliant since:
01/01/2003
http://
www.download.phoenixcontact.com
Please note that the data given
here has been taken from the
online catalog. For comprehensive
information and data, please refer
to the user documentation. The
General Terms and Conditions of
Use apply to Internet downloads.
Technical data
Dimensions / positions
Length
8.6 mm
Pitch
5.08 mm
Dimension a
55.88 mm
Number of positions
12
Pin dimensions
1 x 1 mm


Similar Part No. - 1786048

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1786048 PHOENIX-1786048 Datasheet
150Kb / 6P
MSTBV 2,5/12-G-5,08
1786048 PHOENIX-1786048 Datasheet
151Kb / 6P
MSTB 2,5/12-G-5,08
1786048 PHOENIX-1786048 Datasheet
149Kb / 6P
MSTBW 2,5/12-G-5,08
1786048 PHOENIX-1786048 Datasheet
146Kb / 7P
IC 2,5/12-ST-5,08
1786048 PHOENIX-1786048 Datasheet
149Kb / 6P
EMSTBVA 2,5/12-G-5,08
More results

Similar Description - 1786048

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1755778 PHOENIX-1755778 Datasheet
152Kb / 6P
MSTBVA 2,5/ 6-G-5,08
1755781 PHOENIX-1755781 Datasheet
152Kb / 6P
MSTBVA 2,5/ 7-G-5,08
1755794 PHOENIX-1755794 Datasheet
152Kb / 6P
MSTBVA 2,5/ 8-G-5,08
1755817 PHOENIX-1755817 Datasheet
152Kb / 6P
MSTBVA 2,5/10-G-5,08
1755820 PHOENIX-1755820 Datasheet
152Kb / 6P
MSTBVA 2,5/11-G-5,08
1755846 PHOENIX-1755846 Datasheet
152Kb / 6P
MSTBVA 2,5/13-G-5,08
1755859 PHOENIX-1755859 Datasheet
152Kb / 6P
MSTBVA 2,5/14-G-5,08
1755914 PHOENIX-1755914 Datasheet
148Kb / 5P
MSTBVA 2,5/20-G-5,08
1755943 PHOENIX-1755943 Datasheet
152Kb / 5P
MSTBVA 2,5/23-G-5,08
1924402 PHOENIX-1924402 Datasheet
341Kb / 11P
PCB header - MSTBVA 2,5 HC/12-G-5,08
Jan 3, 2023
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com