Electronic Components Datasheet Search
  English  ▼

X  

1754436 Datasheet(PDF) 3 Page - PHOENIX CONTACT

Part # 1754436
Description  MSTB 2,5/ 2-ST BK
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

1754436 Datasheet(HTML) 3 Page - PHOENIX CONTACT

  1754436 Datasheet HTML 1Page - PHOENIX CONTACT 1754436 Datasheet HTML 2Page - PHOENIX CONTACT 1754436 Datasheet HTML 3Page - PHOENIX CONTACT 1754436 Datasheet HTML 4Page - PHOENIX CONTACT 1754436 Datasheet HTML 5Page - PHOENIX CONTACT  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
MSTB 2,5/ 2-ST BK Order No.: 1756256
http://eshop.phoenixcontact.de/phoenix/treeViewClick.do?UID=1756256
PHOENIX CONTACT Inc., USA
Page 3 / 5
http://www.phoenixcon.com
Jan 28, 2011
1846519
MDSTBA 2,5/ 2-G
Header, Nominal current: 10 A, Rated voltage (III/2): 320 V,
Number of positions: 2, Pitch: 5 mm, Color: green, Metal surface:
Sn, Assembly: Soldering, The article can be aligned to create
different nos. of positions! In combination with MVSTB or FKCV
plug components, both an MVSTBW (or FKCVW) and an
MVSTBR plug (or FKCVR) must be used. Combination with
TMSTBP plug components is not possible!
1763032
MDSTBV 2,5/ 2-G
Header, Nominal current: 10 A, Rated voltage (III/2): 320 V,
Number of positions: 2, Pitch: 5 mm, Color: green, Metal surface:
Sn, Assembly: Soldering, Can be aligned! Mounting flange: Order
No. 1836477, 1836480. In combination with MVSTB or FKCV plug
components, both an MVSTBW (or FKCVW) and an MVSTBR
plug (or FKCVR) must be used. Combination with TMSTBP plug
components is not possible!
1845785
MDSTBVA 2,5/ 2-G
Header, Nominal current: 10 A, Rated voltage (III/2): 320 V,
Number of positions: 2, Pitch: 5 mm, Color: green, Metal surface:
Sn, Assembly: Soldering, The article can be aligned to create
different nos. of positions! In combination with MVSTB or FKCV
plug components, both an MVSTBW (or FKCVW) and an
MVSTBR plug (or FKCVR) must be used. Combination with
TMSTBP plug components is not possible!
1802443
MDSTBW 2,5/ 2-G
Header, Nominal current: 10 A, Rated voltage (III/2): 320 V,
Number of positions: 2, Pitch: 5 mm, Color: green, Metal surface:
Sn, Assembly: Soldering, The article can be aligned to create
different nos. of positions! In combination with MVSTB or FKCV
plug components, both an MVSTBW (or FKCVW) and an
MVSTBR plug (or FKCVR) must be used. Combination with
TMSTBP plug components is not possible!
1754436
MSTB 2,5/ 2-G
Header, Nominal current: 12 A, Rated voltage (III/2): 320 V,
Number of positions: 2, Pitch: 5 mm, Color: green, Metal surface:
Sn, Assembly: Soldering
1768189
MSTB 2,5/ 2-G-LA
Header, Nominal current: 12 A, Rated voltage (III/2): 320 V,
Number of positions: 2, Pitch: 5 mm, Color: green, Metal surface:
Sn, Assembly: Soldering
1757475
MSTBA 2,5/ 2-G
Header, Nominal current: 12 A, Rated voltage (III/2): 320 V,
Number of positions: 2, Pitch: 5 mm, Color: green, Metal surface:
Sn, Assembly: Soldering
1770481
MSTBA 2,5/ 2-G-LA
Header, Nominal current: 12 A, Rated voltage (III/2): 320 V,
Number of positions: 2, Pitch: 5 mm, Color: green, Metal surface:
Sn, Assembly: Soldering
1753437
MSTBV 2,5/ 2-G
Header, Nominal current: 12 A, Rated voltage (III/2): 320 V,
Number of positions: 2, Pitch: 5 mm, Color: green, Metal surface:
Sn, Assembly: Soldering
1755516
MSTBVA 2,5/ 2-G
Header, Nominal current: 12 A, Rated voltage (III/2): 320 V,
Number of positions: 2, Pitch: 5 mm, Color: green, Metal surface:
Sn, Assembly: Soldering
1769230
SMSTB 2,5/ 2-G
Header, Nominal current: 12 A, Rated voltage (III/2): 320 V,
Number of positions: 2, Pitch: 5 mm, Color: green, Metal surface:
Sn, Assembly: Soldering



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com