Electronic Components Datasheet Search
  English  ▼

X  

HTEH25201T Datasheet(PDF) 1 Page - Cyntec Co., Ltd.

Part # HTEH25201T
Description  Power Choke Coil HTEH25201T R type
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYNTEC [Cyntec Co., Ltd.]
Direct Link  http://www.cyntec.com/
Logo CYNTEC - Cyntec Co., Ltd.

HTEH25201T Datasheet(HTML) 1 Page - Cyntec Co., Ltd.

  HTEH25201T Datasheet HTML 1Page - Cyntec Co., Ltd. HTEH25201T Datasheet HTML 2Page - Cyntec Co., Ltd. HTEH25201T Datasheet HTML 3Page - Cyntec Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
CYNTEC CO., LTD.
乾坤科技股份有限公司
Oct., 2019
DOCUMENT
: HTEH25201T-000
REVISION
: A0
PAGE
: 1 OF 3
Power Choke Coil HTEH25201T R type
Features
High performance (Isat) realized by metal dust core.
Low profile:2.5mm x 2.0mm x 1.0mm
Low loss realized with low DCR
100% lead (Pb) free meet RoHS standard
Application
DC/DC converter for CPU in Notebook PC
Cellular phones, LCD displays, HDDs, DVCs, DSCs, PDAs etc..
Thin type on-board power supply module for exchanger
VRM for server
Outline Dimensions
W
T
L
G
Recommend Land Pattern Dimensions
The customer shall determine the land dimensions shown below after confirming and safety.
B
A
C
Code
Dimensions (mm)
L
2.5
 0.2
W
2.0
 0.2
T
1.0 Max.
G
0.7 Typ.
A
2.1
B
0.6
C
2.6
Unit : mm


Similar Part No. - HTEH25201T

ManufacturerPart #DatasheetDescription
logo
Analog Devices
HTEH25201T-1R0MTR AD-HTEH25201T-1R0MTR Datasheet
2Mb / 37P
5.5V Input, 4.5A Switching Current High Efficiency Buck-Boost Converter
19-101705; Rev 0; 9/23
More results

Similar Description - HTEH25201T

ManufacturerPart #DatasheetDescription
logo
Cyntec Co., Ltd.
CMLB041B-000 CYNTEC-CMLB041B-000 Datasheet
75Kb / 3P
Power Choke Coil CMLB041B type
CMLB051B-000 CYNTEC-CMLB051B-000 Datasheet
194Kb / 3P
Power Choke Coil CMLB051B type
CMLB063T-000 CYNTEC-CMLB063T-000 Datasheet
123Kb / 5P
Power Choke Coil CMLB063T type
CMLB065T-000 CYNTEC-CMLB065T-000 Datasheet
492Kb / 4P
Power Choke Coil CMLB065T type
CMLB136T-000 CYNTEC-CMLB136T-000 Datasheet
86Kb / 4P
Power Choke Coil CMLB136T type
CMLE042T-000 CYNTEC-CMLE042T-000 Datasheet
191Kb / 3P
Power Choke Coil CMLE042T type
CMLE051E-000 CYNTEC-CMLE051E-000 Datasheet
100Kb / 4P
Power Choke Coil CMLE051E type
CMLE051H-000 CYNTEC-CMLE051H-000 Datasheet
197Kb / 3P
Power Choke Coil CMLE051H type
PCMB104T-000 CYNTEC-PCMB104T-000 Datasheet
91Kb / 5P
Power Choke Coil PCMB104T type
HBLE041H-000 CYNTEC-HBLE041H-000 Datasheet
202Kb / 4P
Power Choke Coil HBLE041H type
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com