Electronic Components Datasheet Search
  English  ▼

X  

1757022 Datasheet(PDF) 1 Page - PHOENIX CONTACT

Part # 1757022
Description  MSTB 2,5/ 3-ST-5,08
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

1757022 Datasheet(HTML) 1 Page - PHOENIX CONTACT

  1757022 Datasheet HTML 1Page - PHOENIX CONTACT 1757022 Datasheet HTML 2Page - PHOENIX CONTACT 1757022 Datasheet HTML 3Page - PHOENIX CONTACT 1757022 Datasheet HTML 4Page - PHOENIX CONTACT 1757022 Datasheet HTML 5Page - PHOENIX CONTACT 1757022 Datasheet HTML 6Page - PHOENIX CONTACT 1757022 Datasheet HTML 7Page - PHOENIX CONTACT  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
PHOENIX CONTACT Inc., USA
Page 1 / 7
http://www.phoenixcon.com
Feb 25, 2010
Extract from the online
catalog
 
MSTB 2,5/ 3-ST-5,08
Order No.: 1757022
The figure shows a 10-position version of the product
http://eshop.phoenixcontact.de/phoenix/treeViewClick.do?UID=1757022
 
 
Plug component, Nominal current: 12 A, Nom. voltage: 250 V, Pitch:
5.08 mm, Number of positions: 3, Connection type: Screw connection,
Color: green
 
Commercial data
EAN
4017918029555
Pack
50 pcs.
Customs tariff
85366990
Weight/Piece
0.005336 KG
Catalog page information
Page 198 (CC-2009)
Product notes
WEEE/RoHS-compliant since:
01/01/2003
http://
www.download.phoenixcontact.com
Please note that the data given
here has been taken from the
online catalog. For comprehensive
information and data, please refer
to the user documentation. The
General Terms and Conditions of
Use apply to Internet downloads.
Technical data
Dimensions / positions
Pitch
5.08 mm
Dimension a
10.16 mm
Number of positions
3
Screw thread
M3


Similar Part No. - 1757022

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1757022 PHOENIX-1757022 Datasheet
150Kb / 6P
MSTB 2,5/ 3-G-5,08
1757022 PHOENIX-1757022 Datasheet
146Kb / 7P
IC 2,5/ 3-ST-5,08
1757022 PHOENIX-1757022 Datasheet
196Kb / 7P
MDSTB 2,5/ 3-G-5,08
1757022 PHOENIX-1757022 Datasheet
185Kb / 6P
MDSTB 2,5/ 3-G1-5,08
1757022 PHOENIX-1757022 Datasheet
176Kb / 7P
MDSTBV 2,5/ 3-G-5,08
More results

Similar Description - 1757022

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1757035 PHOENIX-1757035 Datasheet
148Kb / 7P
MSTB 2,5/ 4-ST-5,08
1757077 PHOENIX-1757077 Datasheet
149Kb / 8P
MSTB 2,5/ 8-ST-5,08
1757080 PHOENIX-1757080 Datasheet
148Kb / 7P
MSTB 2,5/ 9-ST-5,08
1759509 PHOENIX-1759509 Datasheet
126Kb / 6P
MSTB 2,5/ 3-ST-5,08 BK
1777293 PHOENIX-1777293 Datasheet
150Kb / 7P
FRONT-MSTB 2,5/ 3-ST-5,08
1762208 PHOENIX-1762208 Datasheet
122Kb / 6P
MSTB 2,5/ 3-ST-5,08 BD: 1-3
1729357 PHOENIX-1729357 Datasheet
61Kb / 2P
MSTB 2,5/ 3-ST-5,08 BK VPE500
1752218 PHOENIX-1752218 Datasheet
114Kb / 3P
MSTB 2,5/ 3-ST-5,08 AU
1840832 PHOENIX-1840832 Datasheet
126Kb / 6P
MSTB 2,5/ 3-ST-5,08 JC LTGY
1840858 PHOENIX-1840858 Datasheet
126Kb / 6P
MSTB 2,5/ 3-ST-5,08 JC DKGY
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com