Electronic Components Datasheet Search
  English  ▼

X  

1757035 Datasheet(PDF) 1 Page - PHOENIX CONTACT

Part # 1757035
Description  MSTB 2,5/ 4-ST-5,08
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

1757035 Datasheet(HTML) 1 Page - PHOENIX CONTACT

  1757035 Datasheet HTML 1Page - PHOENIX CONTACT 1757035 Datasheet HTML 2Page - PHOENIX CONTACT 1757035 Datasheet HTML 3Page - PHOENIX CONTACT 1757035 Datasheet HTML 4Page - PHOENIX CONTACT 1757035 Datasheet HTML 5Page - PHOENIX CONTACT 1757035 Datasheet HTML 6Page - PHOENIX CONTACT 1757035 Datasheet HTML 7Page - PHOENIX CONTACT  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
PHOENIX CONTACT Inc., USA
Page 1 / 7
http://www.phoenixcon.com
Feb 25, 2010
Extract from the online
catalog
 
MSTB 2,5/ 4-ST-5,08
Order No.: 1757035
The figure shows a 10-position version of the product
http://eshop.phoenixcontact.de/phoenix/treeViewClick.do?UID=1757035
 
 
Plug component, Nominal current: 12 A, Nom. voltage: 250 V, Pitch:
5.08 mm, Number of positions: 4, Connection type: Screw connection,
Color: green
 
Commercial data
EAN
4017918029562
Pack
50 pcs.
Customs tariff
85366990
Weight/Piece
0.006934 KG
Catalog page information
Page 198 (CC-2009)
Product notes
WEEE/RoHS-compliant since:
01/01/2003
http://
www.download.phoenixcontact.com
Please note that the data given
here has been taken from the
online catalog. For comprehensive
information and data, please refer
to the user documentation. The
General Terms and Conditions of
Use apply to Internet downloads.
Technical data
Dimensions / positions
Pitch
5.08 mm
Dimension a
15.24 mm
Number of positions
4
Screw thread
M3


Similar Part No. - 1757035

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1757035 PHOENIX-1757035 Datasheet
185Kb / 6P
MDSTB 2,5/ 4-G1-5,08
1757035 PHOENIX-1757035 Datasheet
150Kb / 6P
MSTBV 2,5/ 4-G-5,08
1757035 PHOENIX-1757035 Datasheet
150Kb / 6P
MSTB 2,5/ 4-G-5,08
1757035 PHOENIX-1757035 Datasheet
146Kb / 7P
IC 2,5/ 4-ST-5,08
1757035 PHOENIX-1757035 Datasheet
148Kb / 6P
MSTB 2,5/ 4-G-5,08-LA
More results

Similar Description - 1757035

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1757022 PHOENIX-1757022 Datasheet
149Kb / 7P
MSTB 2,5/ 3-ST-5,08
1757077 PHOENIX-1757077 Datasheet
149Kb / 8P
MSTB 2,5/ 8-ST-5,08
1758377 PHOENIX-1758377 Datasheet
105Kb / 4P
MSTB 2,5/ 4-ST-5,08 BD:1-4
1777303 PHOENIX-1777303 Datasheet
150Kb / 7P
FRONT-MSTB 2,5/ 4-ST-5,08
1705229 PHOENIX-1705229 Datasheet
96Kb / 2P
MSTB 2,5/ 4-ST-5,08 AU (1,4)
1729360 PHOENIX-1729360 Datasheet
61Kb / 2P
MSTB 2,5/ 4-ST-5,08 BK VPE500
1752302 PHOENIX-1752302 Datasheet
115Kb / 6P
MSTB 2,5/ 4-ST-5,08 AU
1815947 PHOENIX-1815947 Datasheet
77Kb / 3P
MSTB 2,5/ 4-ST-5,08 WH
1826542 PHOENIX-1826542 Datasheet
102Kb / 3P
FRONT-MSTB 2,5/ 4-ST-5,08 BK
1706427 PHOENIX-1706427 Datasheet
92Kb / 4P
MSTB 2,5/ 4-ST-5,08 GY7035
12/07/2018
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com