Electronic Components Datasheet Search
  English  ▼

X  

1757048 Datasheet(PDF) 1 Page - PHOENIX CONTACT

Part # 1757048
Description  MSTB 2,5/ 5-ST-5,08
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

1757048 Datasheet(HTML) 1 Page - PHOENIX CONTACT

  1757048 Datasheet HTML 1Page - PHOENIX CONTACT 1757048 Datasheet HTML 2Page - PHOENIX CONTACT 1757048 Datasheet HTML 3Page - PHOENIX CONTACT 1757048 Datasheet HTML 4Page - PHOENIX CONTACT 1757048 Datasheet HTML 5Page - PHOENIX CONTACT 1757048 Datasheet HTML 6Page - PHOENIX CONTACT 1757048 Datasheet HTML 7Page - PHOENIX CONTACT 1757048 Datasheet HTML 8Page - PHOENIX CONTACT  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
PHOENIX CONTACT Inc., USA
Page 1 / 8
http://www.phoenixcon.com
Feb 25, 2010
Extract from the online
catalog
 
MSTB 2,5/ 5-ST-5,08
Order No.: 1757048
http://eshop.phoenixcontact.de/phoenix/treeViewClick.do?UID=1757048
 
 
Plug component, Nominal current: 12 A, Nom. voltage: 250 V, Pitch:
5.08 mm, Number of positions: 5, Connection type: Screw connection,
Color: green
 
Commercial data
EAN
4017918029579
Pack
50 pcs.
Customs tariff
85366990
Weight/Piece
0.00864 KG
Catalog page information
Page 198 (CC-2009)
Product notes
WEEE/RoHS-compliant since:
01/01/2003
http://
www.download.phoenixcontact.com
Please note that the data given
here has been taken from the
online catalog. For comprehensive
information and data, please refer
to the user documentation. The
General Terms and Conditions of
Use apply to Internet downloads.
Technical data
Dimensions / positions
Pitch
5.08 mm
Dimension a
20.32 mm
Number of positions
5
Screw thread
M3


Similar Part No. - 1757048

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1757048 PHOENIX-1757048 Datasheet
151Kb / 6P
MSTBV 2,5/ 5-G-5,08
1757048 PHOENIX-1757048 Datasheet
432Kb / 7P
MSTB 2,5/ 5-G-5,08
1757048 PHOENIX-1757048 Datasheet
175Kb / 7P
IC 2,5/ 5-ST-5,08
1757048 PHOENIX-1757048 Datasheet
148Kb / 6P
MSTB 2,5/ 5-G-5,08-LA
More results

Similar Description - 1757048

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1757022 PHOENIX-1757022 Datasheet
149Kb / 7P
MSTB 2,5/ 3-ST-5,08
1757035 PHOENIX-1757035 Datasheet
148Kb / 7P
MSTB 2,5/ 4-ST-5,08
1757077 PHOENIX-1757077 Datasheet
149Kb / 8P
MSTB 2,5/ 8-ST-5,08
1757080 PHOENIX-1757080 Datasheet
148Kb / 7P
MSTB 2,5/ 9-ST-5,08
1757103 PHOENIX-1757103 Datasheet
148Kb / 7P
MSTB 2,5/11-ST-5,08
1757145 PHOENIX-1757145 Datasheet
147Kb / 7P
MSTB 2,5/15-ST-5,08
1777316 PHOENIX-1777316 Datasheet
177Kb / 7P
FRONT-MSTB 2,5/ 5-ST-5,08
1849037 PHOENIX-1849037 Datasheet
125Kb / 5P
MSTB 2,5/ 5-ST-5,08 ABGY AU
1729373 PHOENIX-1729373 Datasheet
61Kb / 2P
MSTB 2,5/ 5-ST-5,08 BK VPE500
1767915 PHOENIX-1767915 Datasheet
126Kb / 5P
MSTB 2,5/ 5-ST-5,08 BK AU
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com