Electronic Components Datasheet Search
  English  ▼

X  

660 Datasheet(PDF) 1 Page - Littelfuse

Part # 660
Description  MINIATURE FUSEHOLDERS
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LITTELFUSE [Littelfuse]
Direct Link  http://www.littelfuse.com
Logo LITTELFUSE - Littelfuse

660 Datasheet(HTML) 1 Page - Littelfuse

  660 Datasheet HTML 1Page - Littelfuse  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
050519
WebSite www.littelfuse.com
In our continuing strategy to deliver unparalleled circuit protection solutions,
technical expertise and application leadership, we proudly introduce the
WICKMANN Group and its products to the Littelfuse portfolio.
VDE
Order
Order
Order
Order
Order
Qty.
Order-No.
Qty.
Order-No.
Qty.
Order-No.
Qty.
Order-No.
Qty.
Order-No.
Information
Information
Information
Information
Information
Note: 1.00 means the number one with two decimal places. 1,000 means the number one thousand.
M
M
M
M
MINIA
INIA
INIA
INIA
INIATURE
TURE
TURE
TURE
TURE
FFFFFUSEHOLDERS
USEHOLDERS
USEHOLDERS
USEHOLDERS
USEHOLDERS
Holder 658
658
658
658
658
Specifications
Specifications
Specifications
Specifications
Specifications
Packaging / Order Numbers
Packaging / Order Numbers
Packaging / Order Numbers
Packaging / Order Numbers
Packaging / Order Numbers
Holder 658 (bulk 100 pcs.)
No. 658 0000 100
Holder 658 (tape&reel, 400 pcs.) No. 658 0000 110
Cover 659
No. 659 0000 000
Cover 660
No. 660 0000 100
Mounting
Mounting
Mounting
Mounting
Mounting
Surface mounting; suitable for reflow and
vapour-phase soldering
Materials
Materials
Materials
Materials
Materials
Holder:
Black Thermoplastic
UL 94 V-0
Metal Parts:
Copper alloy,
tin plated
Electrical Data
Electrical Data
Electrical Data
Electrical Data
Electrical Data
Rated Voltage:
250V
Rated Current:
10A
Rated power acceptance at ambient air
Rated power acceptance at ambient air
Rated power acceptance at ambient air
Rated power acceptance at ambient air
Rated power acceptance at ambient air
temperature 23°C
temperature 23°C
temperature 23°C
temperature 23°C
temperature 23°C
without cover:
4W
with reflow-cover:
4W
with transparent cover:2.5W
Operating T
Operating T
Operating T
Operating T
Operating Temperature
emperature
emperature
emperature
emperature
-40ºC to +85ºC (consider de-rating)
Climatic Category
Climatic Category
Climatic Category
Climatic Category
Climatic Category
GPF according to DIN 40040
Stock Conditions
Stock Conditions
Stock Conditions
Stock Conditions
Stock Conditions
+10ºC to +60ºC
relative humidity ≤ 75% yearly average,
without dew, maximum value for 30 days - 95%
Vibration Resistance
Vibration Resistance
Vibration Resistance
Vibration Resistance
Vibration Resistance
Frequency range 10-500 Hz, crossover
frequency 60 Hz
< 60 Hz constant amplitude of 0.75mm
> 60 Hz constant acceleration of 10g
Contact Resistance
Contact Resistance
Contact Resistance
Contact Resistance
Contact Resistance
5mΩ
Dielectric Strength
Dielectric Strength
Dielectric Strength
Dielectric Strength
Dielectric Strength
> 3kV, 50 Hz, 1 min.
Impulse withstand Voltage
Impulse withstand Voltage
Impulse withstand Voltage
Impulse withstand Voltage
Impulse withstand Voltage
Û1.2/50: > 12 kV between live parts of different
potentials
Insulation Resistance
Insulation Resistance
Insulation Resistance
Insulation Resistance
Insulation Resistance
(500 V DC/1 min): >10 MΩ
Solderability
Solderability
Solderability
Solderability
Solderability
235°C/2s, acc. to IEC 60068-2-58, test Td
Soldering Heat Resistance
Soldering Heat Resistance
Soldering Heat Resistance
Soldering Heat Resistance
Soldering Heat Resistance
260°C/10s, acc to IEC60068-2-20 test Tb
Minimum Cross Section
Minimum Cross Section
Minimum Cross Section
Minimum Cross Section
Minimum Cross Section
Conducting path - 0.2mm2
Surface
Surface
Surface
Surface
Surface Mount,
Mount,
Mount,
Mount,
Mount,
5x20mm Fuses
5x20mm Fuses
5x20mm Fuses
5x20mm Fuses
5x20mm Fuses
Standard
Standard
Standard
Standard
Standard
IEC 60127-6
CSA C22.2-39, UL 512
Approvals
Approvals
Approvals
Approvals
Approvals
SEV
(10A/250V)
VDE ÜG
(10A/250V)
SEMKO
(10A/250V)
UL
(10A/250V)
CSA
(10A/250V)
Features
Features
Features
Features
Features
Low profile fuse block with insulation walls
holder also available fitted with a fuse on
request
Cover 659
659
659
659
659
Cover 660
660
660
660
660
suitable for IR-soldering process
suitable for IR-soldering process
suitable for IR-soldering process
suitable for IR-soldering process
suitable for IR-soldering process
Specifications are subject
to change without notice
transparent
transparent
transparent
transparent
transparent
Derating curves
Derating curves
Derating curves
Derating curves
Derating curves
Admissible power acceptance in Watt
Admissible power acceptance in Watt
Admissible power acceptance in Watt
Admissible power acceptance in Watt
Admissible power acceptance in Watt
max. dimension for
removal of cover
solder pads


Similar Part No. - 660

ManufacturerPart #DatasheetDescription
logo
Oscilent Corporation
660 OSCILENT-660 Datasheet
142Kb / 2P
Discriminator
logo
3M Electronics
660 3M-660 Datasheet
574Kb / 6P
3M??Scotch짰 Red Cellophane Tape 660
logo
List of Unclassifed Man...
660 ETC-660 Datasheet
1Mb / 4P
Power toggle switches ??metal lever
logo
TT Electronics.
660 TTELEC-660 Datasheet
221Kb / 3P
Nichrome Resistor Networks on Ceramic Substrates
10.13
logo
Littelfuse
660 LITTELFUSE-660 Datasheet
574Kb / 1P
656 Series Molded Base PC Mount Fuse Block For 5×20mm Fuses
Revised: 06/03/15
More results

Similar Description - 660

ManufacturerPart #DatasheetDescription
logo
Littelfuse
268 LITTELFUSE-268 Datasheet
109Kb / 1P
MINIATURE FUSEHOLDERS
518 LITTELFUSE-518 Datasheet
69Kb / 1P
MINIATURE FUSEHOLDERS
519 LITTELFUSE-519 Datasheet
89Kb / 1P
MINIATURE FUSEHOLDERS
523 LITTELFUSE-523 Datasheet
85Kb / 1P
MINIATURE FUSEHOLDERS
595 LITTELFUSE-595 Datasheet
168Kb / 1P
MINIATURE FUSEHOLDERS
596 LITTELFUSE-596 Datasheet
216Kb / 1P
MINIATURE FUSEHOLDERS
598 LITTELFUSE-598 Datasheet
331Kb / 1P
MINIATURE FUSEHOLDERS
601 LITTELFUSE-601 Datasheet
99Kb / 1P
MINIATURE FUSEHOLDERS
647 LITTELFUSE-647 Datasheet
91Kb / 1P
MINIATURE FUSEHOLDERS
649 LITTELFUSE-649 Datasheet
94Kb / 1P
MINIATURE FUSEHOLDERS
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com