Electronic Components Datasheet Search
  English  ▼

X  

665 Datasheet(PDF) 1 Page - Littelfuse

Part # 665
Description  Axial Lead and Cartridge Fuses - Subminiature
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LITTELFUSE [Littelfuse]
Direct Link  http://www.littelfuse.com
Logo LITTELFUSE - Littelfuse

665 Datasheet(HTML) 1 Page - Littelfuse

  665 Datasheet HTML 1Page - Littelfuse 665 Datasheet HTML 2Page - Littelfuse  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Axial Lead and Cartridge Fuses
451
www .littelfuse .com
Subminiature
LT-5™ Time Lag Fuse 665 Series
ELECTRICAL CHARACTERISTICS:
% of Ampere
Rating
Time
100%
4 hours
Min
200%
60 sec
Max
AGENCY APPROVALS: Listed by Underwriters Laboratories from
50mA to 10A. CSA Certified from 50mA to 6.3A.
INTERRUPTING RATINGS: 50A at 250VAC
ENVIRONMENTAL SPECIFICATIONS:
Operating Temperature: -40˚C to +85˚C.
Case Resistance: Min 100 Mohms, according to EIA/IS-722, 4.7
Vibration: 20gn, 20 min, 10Hz to 2,000Hz, 12 cycles according to
EIA/IS-722, 4.10 (Frequency range 10-2000Hz, cross-over frequency 60
Hz according to IEC 60068-2-6, test Fc)
Mechanical Shock: 50g, half sine wave, 11ms, 3 times each direction
according to IEC 60068-2-27.
Resistance to Cleaning Solvents: Clean according to EIA/IS-722, 4.11
Resistance to Soldering Heat: 10 sec. At 260˚C to IEC 60068-2-20,
test Tb
Terminal Strength: Tensile load min. 9N, according to EIA/IS-722, 4.5.5
PHYSICAL SPECIFICATIONS:
Materials: Temperature Resistant Body, UL 94V-0; Sn Coated Copper
Wire Terminals.
Solderability: IEC 60068-2-20, test Ta
Soldering Parameters: Wave Solder – 235˚C, 2 seconds maximum.
PACKAGING:
Please refer to the following suffixes when ordering:
• 100 Piece Bulk: Short Leads use suffix HXSL; Long Leads use suffix
HXLL
• 750 Piece Tape and Reel per IEC 286-2: (Long Leads only) use suffix
ZRLL
• 1000 Piece Ammo Pack use suffix MALL
PATENTED
Nominal
I2t
Catalog
Ampere
Voltage Resistance
at 10 x In
Number
Rating
Rating Cold mOhms
(A2 Sec)
0665.063
.063
250
7548
0.0176
0665.080
.080
250
4427
0.0313
0665.100
.100
250
2715
0.0456
0665.125
.125
250
2038
0.0567
0665.160
.160
250
1238
0.0692
0665.200
.200
250
1091
0.133
0665.250
.250
250
696
0.258
0665.315
.315
250
465
0.361
0665.400
.400
250
334
0.528
0665.500
.500
250
243
0.898
0665.630
.630
250
170
2.24
0665.800
.800
250
121
4.05
0665 001.
1.00
250
86
6.85
0665 1.25
1.25
250
66
7.93
066501.6
1.60
250
46
17.5
0665 002.
2.00
250
34
28.6
0665 02.5
2.50
250
26
40.9
0665 3.15
3.15
250
20
55.0
0665 004.
4.00
250
15
67.2
0665 005.
5.00
250
12
142
066506.3
6.30
250
9
287
0665 008.
8.00
250
5
422
0665 010.
10.0
250
4
564
8.5(.335")
0.64
(.025")
5.08
(.200")
8.5(.335")
0.64
(.025")
5.08
(.200")
®
ORDERING INFORMATION:
®
UL
RoHS


Similar Part No. - 665

ManufacturerPart #DatasheetDescription
logo
Marl International Limi...
665 MARL-665 Datasheet
397Kb / 4P
횠8.5mm mounting Hard black anodised aluminium housing
logo
3M Electronics
665 3M-665 Datasheet
61Kb / 5P
3M Repositionable Tapes
Jan-2011
logo
Oscilent Corporation
665-455-24 OSCILENT-665-455-24 Datasheet
124Kb / 1P
455 KHz Discriminator
665-455-28 OSCILENT-665-455-28 Datasheet
124Kb / 1P
455 KHz Discriminator
665-455-29 OSCILENT-665-455-29 Datasheet
124Kb / 1P
455 KHz Discriminator
More results

Similar Description - 665

ManufacturerPart #DatasheetDescription
logo
Littelfuse
224 LITTELFUSE-224 Datasheet
45Kb / 1P
Axial Lead and Cartridge Fuses - Subminiature Glass Body
229 LITTELFUSE-229 Datasheet
139Kb / 2P
Axial Lead and Cartridge Fuses - Subminiature Glass Body
229P LITTELFUSE-229P Datasheet
118Kb / 2P
Axial Lead and Cartridge Fuses - Subminiature Glass Body
251-253 LITTELFUSE-251-253 Datasheet
93Kb / 1P
Axial Lead and Cartridge Fuses - Subminiature
263 LITTELFUSE-263 Datasheet
63Kb / 1P
Axial Lead and Cartridge Fuses - Subminiature
471 LITTELFUSE-471 Datasheet
49Kb / 1P
Axial Lead and Cartridge Fuses - Subminiature
473 LITTELFUSE-473 Datasheet
57Kb / 1P
Axial Lead and Cartridge Fuses - Subminiature
662 LITTELFUSE-662 Datasheet
111Kb / 2P
Axial Lead and Cartridge Fuses - Subminiature
663 LITTELFUSE-663 Datasheet
124Kb / 2P
Axial Lead and Cartridge Fuses - Subminiature
664 LITTELFUSE-664 Datasheet
135Kb / 2P
Axial Lead and Cartridge Fuses - Subminiature
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com