Electronic Components Datasheet Search
  English  ▼

X  

677 Datasheet(PDF) 1 Page - Littelfuse

Part # 677
Description  Axial Lead and Cartridge Fuses - Ceramic Body
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LITTELFUSE [Littelfuse]
Direct Link  http://www.littelfuse.com
Logo LITTELFUSE - Littelfuse

677 Datasheet(HTML) 1 Page - Littelfuse

  677 Datasheet HTML 1Page - Littelfuse  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Axial Lead and Cartridge Fuses
437
www .littelfuse .com
Ceramic Body
3.6 x 10 mm Slo-Blo® Fuse 677 Series
• Meets the requirements of IEC 60127-3, Standard Sheet 4.
• Slo-Blo, ceramic body fuse in a compact package.
• This space saving fuse is ideally suited for lighting, power supply, and
adapter applications.
ELECTRICAL CHARACTERISTICS:
% of Ampere
Opening
Rating
Time
150%
60 minutes, Minimum
210%
2 minutes, Maximum
275%
400 msec., Min.; 10 sec. Max.
400%
150 msec., Min.; .3 sec. Max.
1000%
20 msec., Min.; 150 msec Max.
Catalog
Ampere
Voltage
Nominal
Nominal
Number
Rating
Rating
Resistance
Melting i2t
Cold mOhms
A2Sec.
0677.250
.250
250
0.630
0.312
0677.315
.315
250
0.460
0.422
0677.400
.400
250
0.360
0.755
0677.500
.500
250
0.310
1.32
0677.630
.630
250
0.178
2.55
0677.800
.800
250
0.125
3.25
0677 001.
1.00
250
0.092
6.95
0677 1.25
1.25
250
0.065
12.1
0677 01.6
1.60
250
0.048
18.2
0677 002.
2.00
250
0.035
20.8
0677 02.5
2.50
250
0.028
32.5
0677 3.15
3.15
250
0.020
40.8
0677 004.
4.00
250
0.016
95.0
0677 005.
5.00
250
0.014
140
0677 06.3
6.30
250
0.009
240
AGENCY APPROVALS:
Recognized under the Components Program of Underwriters
Laboratories and recognized by CSA from 0.250 through 6.3 Amps.
VDE approved from 0.250 through 6.3 Amps. CCC approval pending
(0.250 through 6.3 Amps).
INTERRUPTING RATING:
35A or 10 x rated current, whichever is greater @ 250V AC
PACKAGING OPTIONS:
Please refer to the following suffixes when ordering:
Bulk (1000 pieces): Add MXE suffix to the catalog part number.
Tape and Reel (1500 pieces): Add DRT4 suffix to the catalog
part number.
TAPE AND REEL SPECIFICATIONS:
Per EIA-296 with 10mm pitch and 56.5mm inside tape spacing.
ORDERING INFORMATION:
®
®
V
DE
677 000 Series
3.9 (.153")
30.0
(1.181") TYP.
Axial Lead Material: Solder coated copper.
0.6 (.024") ( 0.250 -4A)
0.8 (.031") (5 -6.3A)
11.0
(.433")
CURRENT IN AMPERES
0.01
0.1
0.1
1
1
10
100
10
100
1000
1000
11
Average Time Current Curves


Similar Part No. - 677

ManufacturerPart #DatasheetDescription
logo
Marl International Limi...
677 MARL-677 Datasheet
459Kb / 5P
EMC version with internal stainless steel mesh 횠8.1mm mounting
logo
Walther-Werke
677 WALTHER-677 Datasheet
437Kb / 4P
Channel installation sockets IP 44
logo
Marl International Limi...
677-501-00-50 MARL-677-501-00-50 Datasheet
459Kb / 5P
EMC version with internal stainless steel mesh 횠8.1mm mounting
677-501-04 MARL-677-501-04 Datasheet
459Kb / 5P
EMC version with internal stainless steel mesh 횠8.1mm mounting
677-501-04 MARL-677-501-04 Datasheet
254Kb / 2P
PANEL INDICATOR LED
More results

Similar Description - 677

ManufacturerPart #DatasheetDescription
logo
Littelfuse
312P LITTELFUSE-312P Datasheet
46Kb / 1P
Axial Lead and Cartridge Fuses - Glass Body
313P LITTELFUSE-313P Datasheet
45Kb / 1P
Axial Lead and Cartridge Fuses - Glass Body
314 LITTELFUSE-314 Datasheet
53Kb / 1P
Axial Lead and Cartridge Fuses - Ceramic Body
314P LITTELFUSE-314P Datasheet
50Kb / 1P
Axial Lead and Cartridge Fuses - Ceramic Body
325 LITTELFUSE-325 Datasheet
43Kb / 1P
Axial Lead and Cartridge Fuses - Ceramic Body
325P LITTELFUSE-325P Datasheet
51Kb / 1P
Axial Lead and Cartridge Fuses - Ceramic Body
673 LITTELFUSE-673 Datasheet
40Kb / 1P
Axial Lead and Cartridge Fuses - Glass Body
674 LITTELFUSE-674 Datasheet
40Kb / 1P
Axial Lead and Cartridge Fuses - Ceramic Body
675 LITTELFUSE-675 Datasheet
41Kb / 1P
Axial Lead and Cartridge Fuses - Ceramic Body
676 LITTELFUSE-676 Datasheet
40Kb / 1P
Axial Lead and Cartridge Fuses - Ceramic Body
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com