Electronic Components Datasheet Search
  English  ▼

X  

802 Datasheet(PDF) 1 Page - Littelfuse

Part # 802
Description  Panel Mount for 5x20 mm und 6.3x32 mm Fuses
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LITTELFUSE [Littelfuse]
Direct Link  http://www.littelfuse.com
Logo LITTELFUSE - Littelfuse

802 Datasheet(HTML) 1 Page - Littelfuse

  802 Datasheet HTML 1Page - Littelfuse  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
050909
WebSite www.littelfuse.com
In our continuing strategy to deliver unparalleled circuit protection solutions,
technical expertise and application leadership, we proudly introduce the
WICKMANN Group and its products to the Littelfuse portfolio.
1,2
Schlitz für Schraubendreher
Slot for screw-driver
Renkverschlussnase
Bayonet-connector-nose
1,5
max. 33,8
1,2
Schlitz für Schraubendreher
Slot for screw-driver
Renkverschlussnase
Bayonet-connector-nose
1,5
max. 33,8
-0,1
12
11,7 -0,15
Note: 1.00 means the number one with two decimal places. 1,000 means the number one thousand.
M
M
M
M
MINIA
INIA
INIA
INIA
INIATURE
TURE
TURE
TURE
TURE
FFFFFUSEHOLDERS
USEHOLDERS
USEHOLDERS
USEHOLDERS
USEHOLDERS
Cap / Nr. 815
815
815
815
815
Holder / No. 801/802
801/802
801/802
801/802
801/802
Mounting
Mounting
Mounting
Mounting
Mounting
12.7mm diameter D-hole or double D-hole
Admissible torque on plastic hex nut is 1.2Nm
TTTTTerminals
erminals
erminals
erminals
erminals
Solderable or 4.8mm quick connect-fits 0.5mm
tab
Protection Class & Category
Protection Class & Category
Protection Class & Category
Protection Class & Category
Protection Class & Category
IP 40 (IEC 60529)
PC2 (IEC 60127-6)
Materials
Materials
Materials
Materials
Materials
Holder / Cap:
Thermoplastic
(Polyamide PA 6.6), black,
UL94 V-0
Metal Parts:
Copper alloy,
corrosion protected
Terminals:
solderable tinned
Electrical Data (23ºC)
Electrical Data (23ºC)
Electrical Data (23ºC)
Electrical Data (23ºC)
Electrical Data (23ºC)
Rated Voltage: 250 V
Rated Current: 6.3 A (VDE/SEMKO)
with cap 815
10 A (VDE/SEMKO)
with cap 816
Rated Power :
2.5 W (VDE/SEMKO)
Operating T
Operating T
Operating T
Operating T
Operating Temperature
emperature
emperature
emperature
emperature
-25ºC to +70ºC (consider de-rating)
Climatic T
Climatic T
Climatic T
Climatic T
Climatic Test
est
est
est
est
-25 °Y / +70 °C/21 days (IEC 60068-2-1...3)
Stock Conditions
Stock Conditions
Stock Conditions
Stock Conditions
Stock Conditions
+10ºC to +60ºC
relative humidity ≤ 75% yearly average,
without dew, maximum value for 30 days - 95%
Vibration Resistance
Vibration Resistance
Vibration Resistance
Vibration Resistance
Vibration Resistance
24 cycles at 15 min. each (IEC 60068-2-6)
10 - 60Hz at 0.75mm amplitude
60 - 2000Hz at 10g acceleration
Contact Resistance
Contact Resistance
Contact Resistance
Contact Resistance
Contact Resistance
≤ 5mΩ
Dielectric Strength
Dielectric Strength
Dielectric Strength
Dielectric Strength
Dielectric Strength
>1.5 kV
Impulse Voltage
Impulse Voltage
Impulse Voltage
Impulse Voltage
Impulse Voltage
4 kV, 50 Hz, 1 min., dry
Insulation Resistance
Insulation Resistance
Insulation Resistance
Insulation Resistance
Insulation Resistance
> 103 MΩ (500 VDC, 1 min.)
Solderability
Solderability
Solderability
Solderability
Solderability
235ºC, 2 sec. (Wave)
350ºC, 1 sec. (manually)
Soldering Heat Resistance
Soldering Heat Resistance
Soldering Heat Resistance
Soldering Heat Resistance
Soldering Heat Resistance
260ºC, 5 sec. (IEC 60068-2-20)
Minimum Cross Section
Minimum Cross Section
Minimum Cross Section
Minimum Cross Section
Minimum Cross Section
Conductor - 2.5mm2
Marking
Marking
Marking
Marking
Marking
Series, 250V, Approvals
Unit Weight
Unit Weight
Unit Weight
Unit Weight
Unit Weight
5.0g (801/802) / 2.5g (815/816)
Specifications
Specifications
Specifications
Specifications
Specifications
Packaging
Packaging
Packaging
Packaging
Packaging
Bulk (100 St.)
Standard
Standard
Standard
Standard
Standard
IEC 60127-6
UL 512
CSA C22.2 No. 39
Approvals
Approvals
Approvals
Approvals
Approvals
Panel Mount
Panel Mount
Panel Mount
Panel Mount
Panel Mount
for 5x20 mm und 6.3x32
for 5x20 mm und 6.3x32
for 5x20 mm und 6.3x32
for 5x20 mm und 6.3x32
for 5x20 mm und 6.3x32
mm Fuses
mm Fuses
mm Fuses
mm Fuses
mm Fuses
For 6.3x32mm Fuses
For 6.3x32mm Fuses
For 6.3x32mm Fuses
For 6.3x32mm Fuses
For 6.3x32mm Fuses
Cap / Nr. 816
816
816
816
816
For 5x20mm Fuses
For 5x20mm Fuses
For 5x20mm Fuses
For 5x20mm Fuses
For 5x20mm Fuses
Qty.
Qty.
Qty.
Qty.
Qty.
Order-
Order-
Order-
Order-
Order-
Series
Series
Series
Series
Series
Packaging
Packaging
Packaging
Packaging
Packaging
Number
Number
Number
Number
Number
0000
00
0
Order Information
Order Information
Order Information
Order Information
Order Information


Similar Part No. - 802

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
802 MICROSEMI-802 Datasheet
121Kb / 3P
RECTIFIERS ASSEMBLIES SINGLE PHASE BRIDGES, 20-35 AMP, STANDARD HIGH EFFICIENCY, ESP SERIES
logo
Unisonic Technologies
802 UTC-802 Datasheet
30Kb / 2P
3/4 STRINGS Xmas LIGHT CONTROL
logo
Mill-Max Mfg. Corp.
802 MILL-MAX-802 Datasheet
300Kb / 1P
INTERCONNECTS .100??Grid (.030??dia.) Pins, Straight and Right Angle Double Row
logo
List of Unclassifed Man...
802 ETC2-802 Datasheet
211Kb / 1P
Wiha Quality Tools Dead Blow and Sledge Hammers
logo
Alpha Wire
802 ALPHAWIRE-802 Datasheet
165Kb / 2P
M8 Plastic Passive I/O Box
More results

Similar Description - 802

ManufacturerPart #DatasheetDescription
logo
Littelfuse
803 LITTELFUSE-803 Datasheet
380Kb / 1P
Panel Mount for 6.3x32 mm Fuses
834 LITTELFUSE-834 Datasheet
83Kb / 1P
PCB mount, vertical for 5x20 mm Fuses
803 LITTELFUSE-803 Datasheet
380Kb / 1P
Panel Mount for 6.3x32 mm Fuses
logo
Schurter Inc.
FDI SCHURTER-FDI Datasheet
302Kb / 2P
Inline Fuseholder, 5x20 / 6.3x32 mm
4303.2114.01 SCHURTER-4303.2114.01 Datasheet
355Kb / 6P
Fusedrawer for Fuse Links 5x20 mm resp. 6.3x32 mm
4305.0006 SCHURTER-4305.0006 Datasheet
162Kb / 1P
Fusedrawer for Fuse Links 5x20 mm resp. 6.3x32 mm
FUSEDRAWER3 SCHURTER-FUSEDRAWER3 Datasheet
384Kb / 7P
Fusedrawer for Fuse Links 5x20 mm resp. 6.3x32 mm
FDI SCHURTER-FDI_18 Datasheet
230Kb / 2P
Inline Fuseholder, 5x20 / 6.3x32 mm
FUSEDRAWER3 SCHURTER-FUSEDRAWER3_V01 Datasheet
398Kb / 7P
Fusedrawer for Fuse Links 5x20 mm resp. 6.3x32 mm
FUSEDRAWER1 SCHURTER-FUSEDRAWER1_V02 Datasheet
206Kb / 2P
Fusedrawer for Fuse Links 5x20 mm resp. 6.3x32 mm
04.01.2022
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com