Electronic Components Datasheet Search
  English  ▼

X  

820 Datasheet(PDF) 1 Page - Littelfuse

Part # 820
Description  Panel Mount, Shocksafe 5x20mm Fuses
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LITTELFUSE [Littelfuse]
Direct Link  http://www.littelfuse.com
Logo LITTELFUSE - Littelfuse

820 Datasheet(HTML) 1 Page - Littelfuse

  820 Datasheet HTML 1Page - Littelfuse  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
050906
WebSite www.littelfuse.com
In our continuing strategy to deliver unparalleled circuit protection solutions,
technical expertise and application leadership, we proudly introduce the
WICKMANN Group and its products to the Littelfuse portfolio.
12,7 -0,1
12,7 -0,1
Note: 1.00 means the number one with two decimal places. 1,000 means the number one thousand.
M
M
M
M
MINIA
INIA
INIA
INIA
INIATURE
TURE
TURE
TURE
TURE
FFFFFUSEHOLDERS
USEHOLDERS
USEHOLDERS
USEHOLDERS
USEHOLDERS
Holder / No. 820
820
820
820
820-20
-20
-20
-20
-20
Specifications
Specifications
Specifications
Specifications
Specifications
Packaging
Packaging
Packaging
Packaging
Packaging
0
bulk (100 pcs.)
Standard
Standard
Standard
Standard
Standard
IEC 60127-6
UL 512
Approvals (only 820/835)
Approvals (only 820/835)
Approvals (only 820/835)
Approvals (only 820/835)
Approvals (only 820/835)
Mounting
Mounting
Mounting
Mounting
Mounting
12.7mm diameter D-hole or double D-hole
Admissible torque on plastic hex nut is 1.2Nm
TTTTTerminals
erminals
erminals
erminals
erminals
Solderable or 4.8mm quick connect-fits 0.5mm tab
Protection Class & Category
Protection Class & Category
Protection Class & Category
Protection Class & Category
Protection Class & Category
IP 40 (IEC 60529)
PC2 (IEC 60127-6)
Materials
Materials
Materials
Materials
Materials
Holder/Cap:
White Thermoplastic
PBT, UL94 V-0
Metal Parts:
Copper alloy,
corrosion protected
Terminals:
Solderable, tinned
Nut:
Thermoplastics, Polyamid PA 6.6,
black, UL94 V-0
Electrical Data (23ºC)
Electrical Data (23ºC)
Electrical Data (23ºC)
Electrical Data (23ºC)
Electrical Data (23ºC)
Rated Voltage: 250V
Rated Current: 6.3A (VDE/SEMKO)
16A (UL)
Rated Power:
2.5W (SEMKO)
Operating T
Operating T
Operating T
Operating T
Operating Temperature
emperature
emperature
emperature
emperature
-25ºC to +70ºC (consider de-rating)
Climatic T
Climatic T
Climatic T
Climatic T
Climatic Test
est
est
est
est
-25ºC/+70ºC/21 days (IEC 60068-2-1...3)
Stock Conditions
Stock Conditions
Stock Conditions
Stock Conditions
Stock Conditions
+10ºC to +60ºC
relative humidity ≤ 75% yearly average,
without dew, maximum value for 30 days - 95%
Vibration Resistance
Vibration Resistance
Vibration Resistance
Vibration Resistance
Vibration Resistance
24 cycles at 15 min. each (IEC 60068-2-6)
10 - 60Hz at 0.75mm amplitude
60 - 2000Hz at 10g acceleration
Contact Resistance
Contact Resistance
Contact Resistance
Contact Resistance
Contact Resistance
≤ 5mΩ
Dielectric Strength
Dielectric Strength
Dielectric Strength
Dielectric Strength
Dielectric Strength
> 1.5 kV
Impulse Voltage
Impulse Voltage
Impulse Voltage
Impulse Voltage
Impulse Voltage
4 kV with 1,2µs/50µs
Insulation Resistance
Insulation Resistance
Insulation Resistance
Insulation Resistance
Insulation Resistance
> 10 MΩ (500 VDC, 1 min.)
Solderability
Solderability
Solderability
Solderability
Solderability
235 ºC, 2 sec. (soldering bath) (IEC 60068-2-20)
350 ºC, 3 sec. (soldering iron) (IEC 60068-2-20)
Soldering Heat Resistance
Soldering Heat Resistance
Soldering Heat Resistance
Soldering Heat Resistance
Soldering Heat Resistance
260ºC, 5 sec. (IEC 60068-2-20)
Minimum Cross Section
Minimum Cross Section
Minimum Cross Section
Minimum Cross Section
Minimum Cross Section
Conductor - 2.5mm2
Marking
Marking
Marking
Marking
Marking
820, 250V, Approvals
Unit Weight
Unit Weight
Unit Weight
Unit Weight
Unit Weight
4.0g (820) / 1.6g (835)
Cap / No. 835-20
835-20
835-20
835-20
835-20
Flush Mount T
Flush Mount T
Flush Mount T
Flush Mount T
Flush Mount Type
ype
ype
ype
ype
Panel
Panel
Panel
Panel
Panel Mount,
Mount,
Mount,
Mount,
Mount, Shocksafe
Shocksafe
Shocksafe
Shocksafe
Shocksafe
5x20mm Fuses
5x20mm Fuses
5x20mm Fuses
5x20mm Fuses
5x20mm Fuses
Bayonet-connector-nose
max. 20,6
1,5
Slot for screwdriver
1,2
Panel alternatives
Fuse carrier inserted
Bayonet-joint
max. 0,2
3,2 2,5
32
5
5,5 1...6
8
Specifications are subject
to change without notice
Qty.
Qty.
Qty.
Qty.
Qty.
Order
Order
Order
Order
Order
Series
Series
Series
Series
Series
Packaging
Packaging
Packaging
Packaging
Packaging
Number
Number
Number
Number
Number
0000
02
0
Order Info
Order Info
Order Info
Order Info
Order Info


Similar Part No. - 820

ManufacturerPart #DatasheetDescription
logo
Productwell Precision E...
820 PRODUCTWELL-820 Datasheet
178Kb / 4P
SHIELDED SMT POWER INDUCTORS
logo
AiT Semiconductor Inc.
820 AITSEMI-820 Datasheet
817Kb / 4P
POWER INDUCTOR
820 AITSEMI-820 Datasheet
718Kb / 4P
WIRE WOUND SMD INDUCTOR
logo
WECO ELECTRICAL CONNECT...
820 WECO-820 Datasheet
163Kb / 1P
Screw/plug-in terminal strip Screw/screwless connection
01.18
logo
Advanced Energy Industr...
820 ADVANCEDENERGY-820 Datasheet
186Kb / 4P
TREK 820 INFINITRON®
More results

Similar Description - 820

ManufacturerPart #DatasheetDescription
logo
Littelfuse
810 LITTELFUSE-810 Datasheet
83Kb / 1P
PC Mount, Shocksafe 5x20mm / 6.3x32mm Fuses
823 LITTELFUSE-823 Datasheet
83Kb / 1P
Panel Mount, Shocksafe Snap-In Type, 5x20mm Fuses
830 LITTELFUSE-830 Datasheet
84Kb / 1P
PC Mount, Shocksafe 5x20mm Fuses
831 LITTELFUSE-831 Datasheet
80Kb / 1P
PC Mount, Shocksafe 5x20mm Fuses
850 LITTELFUSE-850 Datasheet
87Kb / 1P
Panel Mount, Shocksafe 5x20mm Fuses
852 LITTELFUSE-852 Datasheet
80Kb / 1P
PC Mount, Shocksafe 5x20mm Fuses
860 LITTELFUSE-860 Datasheet
82Kb / 1P
Panel Mount, Shocksafe 5x20mm / 6.3x32mm Fuses
862 LITTELFUSE-862 Datasheet
82Kb / 1P
PC Mount, Shocksafe 5x20mm / 6.3x32mm Fuses
870 LITTELFUSE-870 Datasheet
75Kb / 1P
Panel Mount, Shocksafe Medical Grade, 5x20mm Fuses
85500001009 LITTELFUSE-85500001009 Datasheet
93Kb / 1P
Panel Mount, Shocksafe 5x20mm Fuses
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com