Electronic Components Datasheet Search
  English  ▼

X  

1754481 Datasheet(PDF) 4 Page - PHOENIX CONTACT

Part # 1754481
Description  MSTBV 2,5/ 4-G
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

1754481 Datasheet(HTML) 4 Page - PHOENIX CONTACT

  1754481 Datasheet HTML 1Page - PHOENIX CONTACT 1754481 Datasheet HTML 2Page - PHOENIX CONTACT 1754481 Datasheet HTML 3Page - PHOENIX CONTACT 1754481 Datasheet HTML 4Page - PHOENIX CONTACT 1754481 Datasheet HTML 5Page - PHOENIX CONTACT  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
MSTBV 2,5/ 4-G Order No.: 1753479
http://eshop.phoenixcontact.de/phoenix/treeViewClick.do?UID=1753479
PHOENIX CONTACT Deutschland GmbH
Page 4 / 5
http://www.phoenixcontact.de
Feb 24, 2010
1910050
FKCVW 2,5/ 4-ST
Plug component, Nominal current: 12 A, Nom. voltage: 250 V,
Pitch: 5 mm, Number of positions: 4, Connection type: Spring-
cage conn.
1779437
FRONT-MSTB 2,5/ 4-ST
Plug component, Nominal current: 12 A, Nom. voltage: 250 V,
Pitch: 5 mm, Number of positions: 4, Connection type: Screw
connection, Color: green
1754481
MSTB 2,5/ 4-ST
Plug component, Nominal current: 12 A, Nom. voltage: 250 V,
Pitch: 5 mm, Number of positions: 4, Connection type: Screw
connection, Color: green
1765797
MSTBP 2,5/ 4-ST
Plug component, Nominal current: 12 A, Nom. voltage: 250 V,
Pitch: 5 mm, Number of positions: 4, Connection type: Screw
connection, Color: green
1792032
MVSTBR 2,5/ 4-ST
Plug component, Nominal current: 12 A, Nom. voltage: 250 V,
Pitch: 5 mm, Number of positions: 4, Connection type: Screw
connection, Color: green
1792540
MVSTBW 2,5/ 4-ST
Plug component, Nominal current: 12 A, Nom. voltage: 250 V,
Pitch: 5 mm, Number of positions: 4, Connection type: Screw
connection, Color: green
1768781
SMSTB 2,5/ 4-ST
Plug component, Nominal current: 12 A, Nom. voltage: 250 V,
Pitch: 5 mm, Number of positions: 4, Connection type: Screw
connection, Color: green
Diagrams/Drawings
Drilling plan/solder pad geometry
Dimensioned drawing



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com