Electronic Components Datasheet Search
  English  ▼

X  

1758050 Datasheet(PDF) 1 Page - PHOENIX CONTACT

Part # 1758050
Description  MSTBV 2,5/ 6-G-5,08
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

1758050 Datasheet(HTML) 1 Page - PHOENIX CONTACT

  1758050 Datasheet HTML 1Page - PHOENIX CONTACT 1758050 Datasheet HTML 2Page - PHOENIX CONTACT 1758050 Datasheet HTML 3Page - PHOENIX CONTACT 1758050 Datasheet HTML 4Page - PHOENIX CONTACT 1758050 Datasheet HTML 5Page - PHOENIX CONTACT 1758050 Datasheet HTML 6Page - PHOENIX CONTACT  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
PHOENIX CONTACT Inc., USA
Page 1 / 6
http://www.phoenixcon.com
Feb 25, 2010
Extract from the online
catalog
 
MSTBV 2,5/ 6-G-5,08
Order No.: 1758050
The figure shows a 10-position version of the product
http://eshop.phoenixcontact.de/phoenix/treeViewClick.do?UID=1758050
 
 
Header, Nominal current: 12 A, Nom. voltage: 250 V, Pitch: 5.08 mm,
Number of positions: 6, Color: green, Assembly: Soldering
 
Commercial data
EAN
4017918030261
Pack
50 pcs.
Customs tariff
85366990
Weight/Piece
0.002588 KG
Catalog page information
Page 251 (CC-2009)
Product notes
WEEE/RoHS-compliant since:
01/01/2003
http://
www.download.phoenixcontact.com
Please note that the data given
here has been taken from the
online catalog. For comprehensive
information and data, please refer
to the user documentation. The
General Terms and Conditions of
Use apply to Internet downloads.
Technical data
Dimensions / positions
Length
8.6 mm
Pitch
5.08 mm
Dimension a
25.4 mm
Number of positions
6
Pin dimensions
1 x 1 mm


Similar Part No. - 1758050

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1758018 PHOENIX-1758018 Datasheet
150Kb / 6P
The figure shows a 10-position version of the product
1758021 PHOENIX-1758021 Datasheet
41Kb / 1P
Extract from the online catalog
1758021 PHOENIX-1758021 Datasheet
169Kb / 7P
ICV 2,5/ 3-G-5,08
1758021 PHOENIX-1758021 Datasheet
154Kb / 6P
IC 2,5/ 3-G-5,08
1758021 PHOENIX-1758021 Datasheet
149Kb / 7P
MSTBT 2,5/ 3-ST-5,08
More results

Similar Description - 1758050

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1748659 PHOENIX-1748659 Datasheet
102Kb / 3P
MSTBV 2,5/ 2-G-5,08 AU
1758034 PHOENIX-1758034 Datasheet
150Kb / 6P
MSTBV 2,5/ 4-G-5,08
1758047 PHOENIX-1758047 Datasheet
151Kb / 6P
MSTBV 2,5/ 5-G-5,08
1758063 PHOENIX-1758063 Datasheet
151Kb / 6P
MSTBV 2,5/ 7-G-5,08
1758076 PHOENIX-1758076 Datasheet
151Kb / 6P
MSTBV 2,5/ 8-G-5,08
1758092 PHOENIX-1758092 Datasheet
151Kb / 6P
MSTBV 2,5/10-G-5,08
1758115 PHOENIX-1758115 Datasheet
150Kb / 6P
MSTBV 2,5/12-G-5,08
1748837 PHOENIX-1748837 Datasheet
96Kb / 2P
MSTBV 2,5/ 5-G-5,08 AU
1758212 PHOENIX-1758212 Datasheet
151Kb / 5P
MSTBV 2,5/22-G-5,08
1758238 PHOENIX-1758238 Datasheet
151Kb / 5P
MSTBV 2,5/24-G-5,08
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com