Electronic Components Datasheet Search
  English  ▼

X  

856 Datasheet(PDF) 1 Page - Littelfuse

Part # 856
Description  PC Mount, Shocksafe 5x20mm Fuses
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LITTELFUSE [Littelfuse]
Direct Link  http://www.littelfuse.com
Logo LITTELFUSE - Littelfuse

856 Datasheet(HTML) 1 Page - Littelfuse

  856 Datasheet HTML 1Page - Littelfuse  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
050816
WebSite www.littelfuse.com
In our continuing strategy to deliver unparalleled circuit protection solutions,
technical expertise and application leadership, we proudly introduce the
WICKMANN Group and its products to the Littelfuse portfolio.
1
6
14,2
20,8 + 0,5
∅12,4 +0,15
0,5
10
+0,3
0,2
1,05 +0,05
12,4
+0,1
0,05
VDE
1
6
14,2
20,8 + 0,5
M
M
M
M
MINIA
INIA
INIA
INIA
INIATURE
TURE
TURE
TURE
TURE
FFFFFUSEHOLDERS
USEHOLDERS
USEHOLDERS
USEHOLDERS
USEHOLDERS
Holder / No. 852
852
852
852
852
Specifications
Specifications
Specifications
Specifications
Specifications
Standard
Standard
Standard
Standard
Standard
IEC 60127-6
UL 512
CSA C22.2. No.39
Approvals
Approvals
Approvals
Approvals
Approvals
VDE Report
SEMKO
UL Recognized
CSA
SEV
Mounting
Mounting
Mounting
Mounting
Mounting
(2) Solder pins 0.5mm x 1.1mm
Protection Class & Category
Protection Class & Category
Protection Class & Category
Protection Class & Category
Protection Class & Category
IP 40 (with Cap 855 acc. to IEC 60529)
IP 54 (with Cap 856 acc. to IEC 60529)
PC2 (IEC 60127-6)
Materials
Materials
Materials
Materials
Materials
Holder/Cap: Black Thermoplastic, UL 94V0
Sealing Ring: Silicon (Cap 856)
Metal Parts: Copper alloy, corrosion protected
Terminals:
Solderable, tinned
Electrical Data (23ºC)
Electrical Data (23ºC)
Electrical Data (23ºC)
Electrical Data (23ºC)
Electrical Data (23ºC)
Rated Voltage: 250V
Rated Current: 6.3A (VDE/SEMKO)
10A (CSA)
12A (UL)
Rated Power:
2W (VDE)
Operating T
Operating T
Operating T
Operating T
Operating Temperature
emperature
emperature
emperature
emperature
-40ºC to +85ºC (consider de-rating)
Climatic T
Climatic T
Climatic T
Climatic T
Climatic Test
est
est
est
est
-40ºC/+85ºC/21 days (IEC 60068-2-1...3)
Stock Conditions
Stock Conditions
Stock Conditions
Stock Conditions
Stock Conditions
+10ºC to +60ºC
relative humidity ≤ 75% yearly average,
without dew, maximum value for 30 days - 95%
Vibration Resistance
Vibration Resistance
Vibration Resistance
Vibration Resistance
Vibration Resistance
24 cycles at 15 min. each (IEC 60068-2-6)
10 - 60Hz at 0.75mm amplitude
60 - 500Hz at 10g acceleration
Contact Resistance
Contact Resistance
Contact Resistance
Contact Resistance
Contact Resistance
≤ 5mΩ
Impulse Voltage
Impulse Voltage
Impulse Voltage
Impulse Voltage
Impulse Voltage
4 kV, 50 Hz, 1 min., dry
Insulation Resistance
Insulation Resistance
Insulation Resistance
Insulation Resistance
Insulation Resistance
> 103 MΩ (500 VDC, 1 min.)
Solderability
Solderability
Solderability
Solderability
Solderability
235ºC, 2 sec. (Wave)
350ºC, 1 sec. (Soldering Iron)
Soldering Heat Resistance
Soldering Heat Resistance
Soldering Heat Resistance
Soldering Heat Resistance
Soldering Heat Resistance
350ºC, 5 sec. (IEC 60068-2-20)
Minimum Cross Section
Minimum Cross Section
Minimum Cross Section
Minimum Cross Section
Minimum Cross Section
Conducting path - 0.2mm2
Marking
Marking
Marking
Marking
Marking
Part No., 250V, Approvals
Unit Weight
Unit Weight
Unit Weight
Unit Weight
Unit Weight
3.2g (852) / 1.8g (855)
3.2g (853) / 1.9g (856)
Order Information
Order Information
Order Information
Order Information
Order Information
Packaging
Packaging
Packaging
Packaging
Packaging
Bulk (100 pcs.)
Order Numbers
Order Numbers
Order Numbers
Order Numbers
Order Numbers
Holder, IP 40
No. 852 0000 100
Cap, without Ring, IP 40
No. 855 0000 100
Holder, IP 54
No. 853 0000 100
Cap, with Ring, IP 54
No. 856 0000 100
Cap / No. 855
855
855
855
855
PC Mount, Shocksafe
PC Mount, Shocksafe
PC Mount, Shocksafe
PC Mount, Shocksafe
PC Mount, Shocksafe
5x20mm Fuses
5x20mm Fuses
5x20mm Fuses
5x20mm Fuses
5x20mm Fuses
No. 852/853
No. 852/853
No. 852/853
No. 852/853
No. 852/853
Cap / No. 856
856
856
856
856
Without silicon ring (IP 40)
Without silicon ring (IP 40)
Without silicon ring (IP 40)
Without silicon ring (IP 40)
Without silicon ring (IP 40)
With silicon ring (IP 54)
With silicon ring (IP 54)
With silicon ring (IP 54)
With silicon ring (IP 54)
With silicon ring (IP 54)
(from front side only)
Vertical / 2-Pin
Vertical / 2-Pin
Vertical / 2-Pin
Vertical / 2-Pin
Vertical / 2-Pin
10 + 0,1
Holes in the printed circuit board: 1,3 +0,1
Holder / No. 853
853
853
853
853
Specifications are subject to change without notice
Note: 1.00 means the number one with two decimal places. 1,000 means the number one thousand.


Similar Part No. - 856

ManufacturerPart #DatasheetDescription
logo
Littelfuse
856 LITTELFUSE-856 Datasheet
87Kb / 1P
Panel Mount, Shocksafe 5x20mm Fuses
logo
3M Electronics
856 3M-856 Datasheet
13Kb / 2P
General Purpose Polyester Tape
logo
Copyright BG
856 BG-856 Datasheet
5Mb / 6P
SLEEK AND SLIM, WITH SOFTLY ROUNDED CORNERS AND GENTLY CURVED ROCKERS, NEXUS COMBINES SUPERIOR QUALITY WITH STUNNING GOOD LOOK SAND EASY INSTALLATION.
logo
MG Chemicals
856 MG-CHEMICALS-856 Datasheet
187Kb / 3P
Brushes Technical Data Sheet
29 March 2017 / Ver. 1.00
logo
NorComp
856-003-113R004 NORCOMP-856-003-113R004 Datasheet
64Kb / 1P
M8 SERIES-MALE-PANEL MOUNT-VERT PCB-3POSITION
Rev.01 12/09/2020
More results

Similar Description - 856

ManufacturerPart #DatasheetDescription
logo
Littelfuse
810 LITTELFUSE-810 Datasheet
83Kb / 1P
PC Mount, Shocksafe 5x20mm / 6.3x32mm Fuses
811 LITTELFUSE-811 Datasheet
81Kb / 1P
PC Mount, Shocksafe 5x20mm / 6.3x32mm Fuses
813 LITTELFUSE-813 Datasheet
83Kb / 1P
PC Mount, Shocksafe 5x20mm / 6.3x32mm Fuses
820 LITTELFUSE-820 Datasheet
85Kb / 1P
Panel Mount, Shocksafe 5x20mm Fuses
830 LITTELFUSE-830 Datasheet
84Kb / 1P
PC Mount, Shocksafe 5x20mm Fuses
831 LITTELFUSE-831 Datasheet
80Kb / 1P
PC Mount, Shocksafe 5x20mm Fuses
850 LITTELFUSE-850 Datasheet
87Kb / 1P
Panel Mount, Shocksafe 5x20mm Fuses
860 LITTELFUSE-860 Datasheet
82Kb / 1P
Panel Mount, Shocksafe 5x20mm / 6.3x32mm Fuses
862 LITTELFUSE-862 Datasheet
82Kb / 1P
PC Mount, Shocksafe 5x20mm / 6.3x32mm Fuses
85500001009 LITTELFUSE-85500001009 Datasheet
93Kb / 1P
Panel Mount, Shocksafe 5x20mm Fuses
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com