Electronic Components Datasheet Search
  English  ▼

X  

1757022 Datasheet(PDF) 1 Page - PHOENIX CONTACT

Part # 1757022
Description  MSTB 2,5/ 3-G-5,08
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

1757022 Datasheet(HTML) 1 Page - PHOENIX CONTACT

  1757022 Datasheet HTML 1Page - PHOENIX CONTACT 1757022 Datasheet HTML 2Page - PHOENIX CONTACT 1757022 Datasheet HTML 3Page - PHOENIX CONTACT 1757022 Datasheet HTML 4Page - PHOENIX CONTACT 1757022 Datasheet HTML 5Page - PHOENIX CONTACT 1757022 Datasheet HTML 6Page - PHOENIX CONTACT  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
PHOENIX CONTACT Inc., USA
Page 1 / 6
http://www.phoenixcon.com
Feb 25, 2010
Extract from the online
catalog
 
MSTB 2,5/ 3-G-5,08
Order No.: 1759020
The figure shows a 10-position version of the product
http://eshop.phoenixcontact.de/phoenix/treeViewClick.do?UID=1759020
 
 
Header, Nominal current: 12 A, Nom. voltage: 250 V, Pitch: 5.08 mm,
Number of positions: 3, Color: green, Assembly: Soldering
 
Commercial data
EAN
4017918030490
Pack
50 pcs.
Customs tariff
85366990
Weight/Piece
0.001477 KG
Catalog page information
Page 248 (CC-2009)
Product notes
WEEE/RoHS-compliant since:
01/01/2003
http://
www.download.phoenixcontact.com
Please note that the data given
here has been taken from the
online catalog. For comprehensive
information and data, please refer
to the user documentation. The
General Terms and Conditions of
Use apply to Internet downloads.
Technical data
Dimensions / positions
Pitch
5.08 mm
Dimension a
10.16 mm
Number of positions
3
Pin dimensions
1 x 1 mm
Hole diameter
1.4 mm


Similar Part No. - 1757022

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1757022 PHOENIX-1757022 Datasheet
149Kb / 7P
MSTB 2,5/ 3-ST-5,08
1757022 PHOENIX-1757022 Datasheet
146Kb / 7P
IC 2,5/ 3-ST-5,08
1757022 PHOENIX-1757022 Datasheet
196Kb / 7P
MDSTB 2,5/ 3-G-5,08
1757022 PHOENIX-1757022 Datasheet
185Kb / 6P
MDSTB 2,5/ 3-G1-5,08
1757022 PHOENIX-1757022 Datasheet
176Kb / 7P
MDSTBV 2,5/ 3-G-5,08
More results

Similar Description - 1757022

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1715031 PHOENIX-1715031 Datasheet
104Kb / 2P
MSTB 2,5/ 3-G-5,08 VPE500
1729344 PHOENIX-1729344 Datasheet
61Kb / 2P
MSTB 2,5/ 3-G-5,08 OG VPE500
1730692 PHOENIX-1730692 Datasheet
104Kb / 2P
MSTB 2,5/ 3-G-5,08 YE
1759017 PHOENIX-1759017 Datasheet
150Kb / 6P
MSTB 2,5/ 2-G-5,08
1759033 PHOENIX-1759033 Datasheet
150Kb / 6P
MSTB 2,5/ 4-G-5,08
1759046 PHOENIX-1759046 Datasheet
432Kb / 7P
MSTB 2,5/ 5-G-5,08
1759059 PHOENIX-1759059 Datasheet
151Kb / 6P
MSTB 2,5/ 6-G-5,08
1759062 PHOENIX-1759062 Datasheet
151Kb / 6P
MSTB 2,5/ 7-G-5,08
1759091 PHOENIX-1759091 Datasheet
151Kb / 6P
MSTB 2,5/10-G-5,08
1759208 PHOENIX-1759208 Datasheet
151Kb / 5P
MSTB 2,5/21-G-5,08
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com