Electronic Components Datasheet Search
  English  ▼

X  

1757064 Datasheet(PDF) 1 Page - PHOENIX CONTACT

Part # 1757064
Description  MSTB 2,5/ 7-G-5,08
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

1757064 Datasheet(HTML) 1 Page - PHOENIX CONTACT

  1757064 Datasheet HTML 1Page - PHOENIX CONTACT 1757064 Datasheet HTML 2Page - PHOENIX CONTACT 1757064 Datasheet HTML 3Page - PHOENIX CONTACT 1757064 Datasheet HTML 4Page - PHOENIX CONTACT 1757064 Datasheet HTML 5Page - PHOENIX CONTACT 1757064 Datasheet HTML 6Page - PHOENIX CONTACT  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
PHOENIX CONTACT Inc., USA
Page 1 / 6
http://www.phoenixcon.com
Feb 25, 2010
Extract from the online
catalog
 
MSTB 2,5/ 7-G-5,08
Order No.: 1759062
The figure shows a 10-position version of the product
http://eshop.phoenixcontact.de/phoenix/treeViewClick.do?UID=1759062
 
 
Header, Nominal current: 12 A, Nom. voltage: 250 V, Pitch: 5.08 mm,
Number of positions: 7, Color: green, Assembly: Soldering
 
Commercial data
EAN
4017918030537
Pack
50 pcs.
Customs tariff
85366990
Weight/Piece
0.003136 KG
Catalog page information
Page 248 (CC-2009)
Product notes
WEEE/RoHS-compliant since:
01/01/2003
http://
www.download.phoenixcontact.com
Please note that the data given
here has been taken from the
online catalog. For comprehensive
information and data, please refer
to the user documentation. The
General Terms and Conditions of
Use apply to Internet downloads.
Technical data
Dimensions / positions
Pitch
5.08 mm
Dimension a
30.48 mm
Number of positions
7
Pin dimensions
1 x 1 mm
Hole diameter
1.4 mm


Similar Part No. - 1757064

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1757064 PHOENIX-1757064 Datasheet
152Kb / 6P
MSTBVA 2,5/ 7-G-5,08
1757064 PHOENIX-1757064 Datasheet
149Kb / 8P
MSTB 2,5/ 7-ST-5,08
1757064 PHOENIX-1757064 Datasheet
151Kb / 6P
MSTBV 2,5/ 7-G-5,08
More results

Similar Description - 1757064

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
0707293 PHOENIX-0707293 Datasheet
132Kb / 9P
Base strip - DFK-MSTB 2,5/ 7-G-5,08
1759017 PHOENIX-1759017 Datasheet
150Kb / 6P
MSTB 2,5/ 2-G-5,08
1759020 PHOENIX-1759020 Datasheet
150Kb / 6P
MSTB 2,5/ 3-G-5,08
1759033 PHOENIX-1759033 Datasheet
150Kb / 6P
MSTB 2,5/ 4-G-5,08
1759046 PHOENIX-1759046 Datasheet
432Kb / 7P
MSTB 2,5/ 5-G-5,08
1759059 PHOENIX-1759059 Datasheet
151Kb / 6P
MSTB 2,5/ 6-G-5,08
1759091 PHOENIX-1759091 Datasheet
151Kb / 6P
MSTB 2,5/10-G-5,08
1759114 PHOENIX-1759114 Datasheet
151Kb / 6P
MSTB 2,5/12-G-5,08
1759169 PHOENIX-1759169 Datasheet
153Kb / 6P
MSTB 2,5/17-G-5,08
1759208 PHOENIX-1759208 Datasheet
151Kb / 5P
MSTB 2,5/21-G-5,08
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com