Electronic Components Datasheet Search
  English  ▼

X  

RS064R Datasheet(PDF) 4 Page - Cyntec Co., Ltd.

Part # RS064R
Description  31mW, 0614, Resistor Network (Lead / Halogen Free)
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYNTEC [Cyntec Co., Ltd.]
Direct Link  http://www.cyntec.com/
Logo CYNTEC - Cyntec Co., Ltd.

RS064R Datasheet(HTML) 4 Page - Cyntec Co., Ltd.

  RS064R Datasheet HTML 1Page - Cyntec Co., Ltd. RS064R Datasheet HTML 2Page - Cyntec Co., Ltd. RS064R Datasheet HTML 3Page - Cyntec Co., Ltd. RS064R Datasheet HTML 4Page - Cyntec Co., Ltd. RS064R Datasheet HTML 5Page - Cyntec Co., Ltd. RS064R Datasheet HTML 6Page - Cyntec Co., Ltd. RS064R Datasheet HTML 7Page - Cyntec Co., Ltd. RS064R Datasheet HTML 8Page - Cyntec Co., Ltd. RS064R Datasheet HTML 9Page - Cyntec Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
DOCUMENT
: RT4F-NH
REVISION
: A2
4
Resistor Network
Insulation
Plate
Spring
Sample Electrode
Metal Block
Measurement Point
B
Pressure
Rod
(Metal)
Measurement Point A
Substrate
Over coat Film
Figure 1 : Measurement Setup
(R=0.5 mm)
A
B
Voltage Supply
Substrate Side



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com