Electronic Components Datasheet Search
  English  ▼

X  

SCMM3923S5 Datasheet(PDF) 2 Page - Cyntec Co., Ltd.

Part # SCMM3923S5
Description  SCMM3923S5 Series, Current Sensor Resistor (Lead / Halogen Free)
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYNTEC [Cyntec Co., Ltd.]
Direct Link  http://www.cyntec.com/
Logo CYNTEC - Cyntec Co., Ltd.

SCMM3923S5 Datasheet(HTML) 2 Page - Cyntec Co., Ltd.

  SCMM3923S5 Datasheet HTML 1Page - Cyntec Co., Ltd. SCMM3923S5 Datasheet HTML 2Page - Cyntec Co., Ltd. SCMM3923S5 Datasheet HTML 3Page - Cyntec Co., Ltd. SCMM3923S5 Datasheet HTML 4Page - Cyntec Co., Ltd. SCMM3923S5 Datasheet HTML 5Page - Cyntec Co., Ltd. SCMM3923S5 Datasheet HTML 6Page - Cyntec Co., Ltd. SCMM3923S5 Datasheet HTML 7Page - Cyntec Co., Ltd. SCMM3923S5 Datasheet HTML 8Page - Cyntec Co., Ltd. SCMM3923S5 Datasheet HTML 9Page - Cyntec Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
DOCUMENT : CYNP-199-028
Page : 2
REVISION
: A0
Current Sensor Resistor
Recommended PCB Pin Hole Dimensions
Outline Drawing :
Construction and Dimension
Note: Marking code : XX-XX-XX (Year-Weekly-internal No.)
Dimensions (mm)
Resistance
(mΩ)
0.2
0.3, 0.4, 0.5
0.7, 2
1, 3
4
L
10.0 ± 0.25
W
5.75 ± 0.25
t
2.0 ± 0.25
1.6 ± 0.25
1.2 ± 0.25
1.0 ± 0.25
0.7 ± 0.25
a
2.0 ± 0.25
d
1.8 (max)
Resistance Range
Dimensions
mΩ
W (mm)
L (mm)
I (mm)
0.2 to 4
6.2
2.7
5.6



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com