Electronic Components Datasheet Search
  English  ▼

X  

SCRR1206SD Datasheet(PDF) 4 Page - Cyntec Co., Ltd.

Part # SCRR1206SD
Description  SCRR1206SD Series Current Sensing Resistor (Lead / Halogen Free)
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYNTEC [Cyntec Co., Ltd.]
Direct Link  http://www.cyntec.com/
Logo CYNTEC - Cyntec Co., Ltd.

SCRR1206SD Datasheet(HTML) 4 Page - Cyntec Co., Ltd.

  SCRR1206SD Datasheet HTML 1Page - Cyntec Co., Ltd. SCRR1206SD Datasheet HTML 2Page - Cyntec Co., Ltd. SCRR1206SD Datasheet HTML 3Page - Cyntec Co., Ltd. SCRR1206SD Datasheet HTML 4Page - Cyntec Co., Ltd. SCRR1206SD Datasheet HTML 5Page - Cyntec Co., Ltd. SCRR1206SD Datasheet HTML 6Page - Cyntec Co., Ltd. SCRR1206SD Datasheet HTML 7Page - Cyntec Co., Ltd. SCRR1206SD Datasheet HTML 8Page - Cyntec Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
DOCUMENT : SCRR1206SD
REVISION
: A2
4
Current Sensing Resistor
Item
Specification and Requirement
Test Method (JIS 5201)
Resistance to Solder
Heat
△R: ± 1.0%
Without distinct deformation in
appearance
(1) Pre-heat: 100~110℃ for 30
seconds
(2) Immersed at solder bath of
(1)
270 ± 5℃ for 10 ± 1 seconds
Bending Test
△R: ± 1.0%
Without mechanical damage such as
break
Bending value: 3 mm for 30 ± 1 seconds
Solvent Resistance
Without mechanical and distinct damage
in appearance
(1) Solvent: Trichloroethane or
Isopropyl alcohol
(2) Immersed in solvent at room
temperature for 300 seconds
Endurance
Item
Specification and Requirement
Test Method (JIS 5201)
Rapid Change of
Temperature
△R: ± 1.0%
Without distinct damage in appearance
-55 ~125℃ 1000 cycles, 15 min at each
extreme condition
Moisture with Load
△R: ± 5.0%
Without distinct damage in appearance
40 ± 2℃ with relative humidity
90% to 95%. D.C. rated voltage for
1.5 hours ON and 0.5 hours OFF.
Cycle repeated 1,000 hours
Load Life
△R: ± 5.0%
Without distinct
damage in appearance
Rated voltage for 1.5 hours followed
by a pause 0.5 hour at 70 ± 2℃.
Cycle repeated 1000 hours
Low Temperature
Store
△R: ± 5.0%
Without distinct
damage in appearance
Store temperature:-55 ± 3℃ for total
1,000 hours
High Temperature
Store
△R: ± 5.0%
Without distinct
damage in appearance
Store temperature: 150±2℃ for total
1,000 hours



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com