Electronic Components Datasheet Search
  English  ▼

X  

995 Datasheet(PDF) 1 Page - Littelfuse

Part # 995
Description  Blade Terminal & Special Purpose Fuses - Low Voltage
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LITTELFUSE [Littelfuse]
Direct Link  http://www.littelfuse.com
Logo LITTELFUSE - Littelfuse

995 Datasheet(HTML) 1 Page - Littelfuse

  995 Datasheet HTML 1Page - Littelfuse  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Blade Terminal & Special Purpose Fuses
457
www .littelfuse .com
Low Voltage
JCASE® 42V Slo-Blo® Cartridge Fuse
As power demand in vehicles continues to grow, the need for electrival
and fuel economy is driving the necessity for a more efficient automotive
electrical system.
Littelfuse is working closely with major automakers and wire harness
suppliers to develop and establish new standars of circuit protection for
42 volt automotive electrical systems.
Advantages include:
•
42 Volt nominal rating / 58 Volt interrupting rating
•
Unique keying design prevents lower rated fuses from being
inserted into the circuit
•
Same performance characteristics as industry standard JCASE
fuse but modified to work in the 42 volt environment
Interrupting Rating: 1000A @ 58 VDC
Voltage Rating: 58 VDC
Ambient Temp: -40oC to +125oC
ORDERING INFORMATION:
ELECTRICAL CHARACTERISTICS:
% of
Opening
(Rating)
Time
110%
100 hrs., Minimum
135%
60 sec., Min.; 1800 sec., Max.
200%
4.00 sec., Min.; 60.0 sec., Max.
350%
0.20 sec., Min.; 17.0 sec., Max.
600%
0.04 sec., Min.; 1.0 sec., Max.
10.10
(.40")
5.50
(.22")
18.7
(.74")
27.0
(1.06")
12.10
(.48")
0.38
(.015")
14.10
(.56")
+
+
+
6.75 (.27")
1.00
(.039")
4.40
(.17")
10.00
(.39")
24.4
(.96")
10.00
(.39")
12.00
(.47")
45°
Catalog
Number
995 020
995 025
995 030
995 040
995 050
995 060
Ampere
Rating
(A)
20
25
30
40
50
60
Voltage Rating
(VDC)
58
58
58
58
58
58
Body
Color
Blue
Natural
Pink
Green
Red
Yellow
Typical Voltage
Drop at Rated
Current (mV)
Nominal Cold
Resistance
(Ω)
125
120
115
115
115
115
.00486
.00328
.00245
.00152
.00118
.00095
1000
100
10
1
0.1
0.01
10000
1000
100
10
1
CURRENT IN AMPERES
Avera ge Time Current Cur ves
RoHS
12


Similar Part No. - 995

ManufacturerPart #DatasheetDescription
logo
ITT Industries
995-0001-244 ITT-995-0001-244 Datasheet
9Mb / 301P
D Subminiature Connectors
995-0001-244 ITT-995-0001-244 Datasheet
5Mb / 62P
Ensuring over 20 years of mission critical communication between two worlds across 250,000,000 milies
995-0001-325 ITT-995-0001-325 Datasheet
9Mb / 301P
D Subminiature Connectors
995-0001-325 ITT-995-0001-325 Datasheet
5Mb / 62P
Ensuring over 20 years of mission critical communication between two worlds across 250,000,000 milies
995-0001-507 ITT-995-0001-507 Datasheet
12Mb / 79P
Cannon APD Series ISO 15170 Connectors
More results

Similar Description - 995

ManufacturerPart #DatasheetDescription
logo
Littelfuse
257 LITTELFUSE-257 Datasheet
55Kb / 1P
Blade Terminal & Special Purpose Fuses -Low Voltage
297 LITTELFUSE-297 Datasheet
54Kb / 1P
Blade Terminal & Special Purpose Fuses - Low Voltage
298 LITTELFUSE-298 Datasheet
52Kb / 1P
Blade Terminal & Special Purpose Fuses - Low Voltage
299 LITTELFUSE-299 Datasheet
51Kb / 1P
Blade Terminal & Special Purpose Fuses - Low Voltage
481 LITTELFUSE-481 Datasheet
38Kb / 1P
Blade Terminal & Special Purpose Fuses
482 LITTELFUSE-482 Datasheet
67Kb / 2P
Blade Terminal & Special Purpose Fuses
498 LITTELFUSE-498 Datasheet
66Kb / 1P
Blade Terminal & Special Purpose Fuses - Low Voltage
997 LITTELFUSE-997 Datasheet
59Kb / 1P
Blade Terminal & Special Purpose Fuses - Low Voltage
999 LITTELFUSE-999 Datasheet
54Kb / 1P
Blade Terminal & Special Purpose Fuses - Low Voltage
0242.050 LITTELFUSE-0242.050 Datasheet
86Kb / 1P
Blade Terminal & Special Purpose Fuses
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com