Electronic Components Datasheet Search
  English  ▼

X  

571007 Datasheet(PDF) 1 Page - Littelfuse

Part # 571007
Description  Fuseholders - For 3AG, 5 x 20mm, or 2AG Fuses
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LITTELFUSE [Littelfuse]
Direct Link  http://www.littelfuse.com
Logo LITTELFUSE - Littelfuse

571007 Datasheet(HTML) 1 Page - Littelfuse

  571007 Datasheet HTML 1Page - Littelfuse  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Shock-Safe for 3AG or 5x20mm Fuses PC Board Type
;;
yy
1.77"
.49"
.040"
.056"
DIA.
.48"
.12"
.68"
.44"
.20"
.24"
.598"
.602"
.698"
.702"
.242"
.246"
Catalog Number
Bottom
Fuse Length
Standard
Watertight
Terminal
Range*
571 027
571 027P
Straight
15/16" – 13/8"
571 028
571 028P
Rt. Angle
571 007
571 007P
Straight
113/32" – 11/2"
571 008
571 008P
Rt. Angle
571 OCC
571 OCCP
Straight
11/2"
571 RCC
571 RCCP
Rt. Angle
*Fuse diameter is 13/32".
Similar to Shock-Safe fuseholders shown on preceding page, but
designed for P.C. board mounting. Shock-Safe design per IEC Standards
60127 and 60065. Two different knob styles available for use with 3AG
(1/4" x 11/4") or 5 x 20mm fuses.
APPROVALS: Recognized under the Components Program of
Underwriters Laboratories (16A, 250V).
Certified by CSA (15A, 250V).
VDE approved (10A, 250V).
SPECIFICATIONS:
Electrical: Rating: See APPROVALS.
Insulation Resistance: 10,000 megohm minimum at 500 VDC.
Contact Resistance: Less than .005 ohm average at a current of
one ampere.
Dielectric Strength: 4000 volts minimum.
Mounting: Intended for soldering to printed circuit boards.
Molded Parts: Body Material: Black glass-filled thermoplastic
(UL 94V0).
Knob: Screwdriver slot, fuse extractor type with nickel-plated, copper
alloy insert. Spring-loaded, bayonet style.
Knob Material: Grey or Black glass-filled thermoplastic (UL 94V0).
Terminals: Brass. Tin-plated.
Ambient Temperature: –40°C to +85°C.
ORDERING INFORMATION:
Catalog
Fuse
Number
Size
345 101
1
/4" x 11/4" Fuses
345 121
5 x 20mm Fuses
Body only: 345 101-010
Knob only: 345 101-020 (1/4" x 11/4") Grey;
345 121-020 (5 x 20mm) Black.
For Midget Fuses Panel Mount Type
Two panel mount fuseholder designs are available for supplementary or
Class CC branch circuit protection. Class CC fuses have a rejection
feature on one end cap which mates with the rejection feature of
Littelfuse Class CC fuse blocks and fuseholders to prevent the
installation of fuses with lower voltage ratings or interrupting ratings.
APPROVALS: Recognized under the Components Program of
Underwriters Laboratories and Certified by CSA.
SPECIFICATIONS:
Electrical: Rated at 30 amperes for any voltage up to 600 volts.
Dielectric Strength: 4000 volts minimum.
Mounting: Flange mounting either in front of or behind panel.
Watertight version must be front panel mounted. Maximum panel thick-
ness is .75".
Molded Parts: Black thermoplastic (UL 94V0).
Knob: Screw type, with engraved markings: unfilled characters (571
007, 571 008, 571 007P, 571 008P), light blue characters (571 027, 571
028, 571 027P, 571 028P).
Terminals: Brass. Tin-plated. Combination solder and 1/4" Quick-
Connect. Side terminal has .125" diameter hole. Bottom terminal has
.156" x .124" elongated hole.
Ambient Temperature: – 40°C to +85°C.
Hardware: 571 007, 571 008, 571 027, 571 028, 571 OCC, and 571
RCC, none; 571 007P, 571 008P, 571 027P, 571 028P, 571 OCCP, and
571 RCCP, two O-rings for watertight seal per MIL-PRF-19207.
®
®
V
DE
®
®
Reference Dimensions
.76"
.86"
.92"
DIA.
.446"
2.08"
2.40"
1.31"
1.75"
.032"
.15" MAX
.172" DIA.
(2)
.15" MAX
1.12"
.890"
1.310"
2 MOUNTING
HOLES FOR
No. 8 SCREWS
STANDARD MOUNTING
(FLANGE IN FRONT OF PANEL)
Reference Dimensions
ORDERING INFORMATION:
Pb
RoHS
Pb
RoHS
* Please refer to Fuseology section for information on
proper fuseholder de-rating.
* Please refer to Fuseology section for information on
proper fuseholder de-rating.
471
www .littelfuse .com
13
Fuseholders
For 3AG, 5 x 20mm, or 2AG Fuses


Similar Part No. - 571007

ManufacturerPart #DatasheetDescription
logo
Littelfuse
571007 LITTELFUSE-571007 Datasheet
80Kb / 1P
FOR 3AG, 5 x 20mm, OR MIDGET FUSES
571007 LITTELFUSE-571007 Datasheet
286Kb / 1P
571 & 572 SERIES PANEL-MOUNT FUSE HOLDERS
040324
571007P LITTELFUSE-571007P Datasheet
529Kb / 1P
Fuse Blocks, Holders and Accessories
571007P LITTELFUSE-571007P Datasheet
80Kb / 1P
FOR 3AG, 5 x 20mm, OR MIDGET FUSES
571007P LITTELFUSE-571007P Datasheet
286Kb / 1P
571 & 572 SERIES PANEL-MOUNT FUSE HOLDERS
040324
More results

Similar Description - 571007

ManufacturerPart #DatasheetDescription
logo
Littelfuse
286 LITTELFUSE-286 Datasheet
114Kb / 1P
Fuseholders - For 3AG, 5 x 20mm, or 2AG Fuses
340 LITTELFUSE-340 Datasheet
53Kb / 1P
Fuseholders - For 3AG Fuses
342 LITTELFUSE-342 Datasheet
104Kb / 1P
Fuseholders - For 3AG Fuses
344 LITTELFUSE-344 Datasheet
92Kb / 1P
Fuseholders - For 3AG Fuses
345101 LITTELFUSE-345101 Datasheet
80Kb / 1P
FOR 3AG, 5 x 20mm, OR MIDGET FUSES
3452LS1LNNP LITTELFUSE-3452LS1LNNP Datasheet
112Kb / 2P
3AG, 5 x 20mm, or 2AG Fuses International Shock-Safe
logo
Cooper Bussmann, Inc.
S500-32-R COOPER-S500-32-R Datasheet
267Kb / 2P
5 x 20mm Fuses
HTC-10M COOPER-HTC-10M Datasheet
68Kb / 1P
For 5 x 20mm Fuses
GMD-125-R COOPER-GMD-125-R Datasheet
447Kb / 2P
5 x 20mm Fuses
logo
Littelfuse
01500274Z LITTELFUSE-01500274Z_V01 Datasheet
167Kb / 1P
150 Series In-Line Fuseholders for 2AG or 5횞20mm Fuses
Revised: GD. 06/02/21
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com