Electronic Components Datasheet Search
  English  ▼

X  

2390149 Datasheet(PDF) 1 Page - Festo Corporation.

Part # 2390149
Description  ISO cylinder
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FESTO [Festo Corporation.]
Direct Link  https://www.festo.com/us/en/
Logo FESTO - Festo Corporation.

2390149 Datasheet(HTML) 1 Page - Festo Corporation.

  2390149 Datasheet HTML 1Page - Festo Corporation. 2390149 Datasheet HTML 2Page - Festo Corporation.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
ISO cylinder
DSBG-200-400-PPVA-N3
Part number: 2390149
Data sheet
Feature
Value
Piston seal material
NBR
Piston rod wiper seal material
NBR
Cushion piston material
POM
Buffer seal material
TPE-U(PU)
Material of piston
Aluminium-Guss
Werkstoff Bundmutter
Stahl, verzinkt
Nut material
Steel, galvanized
Material of bearing
Metall-Polymer-Verbund
Tie rod material
hochlegierter Stahl
Stroke
400 mm
Piston diameter
200 mm
Piston rod thread
M36x2
Type code
DSBG
Cushioning
Pneumatic cushioning, adjustable at both ends
Mounting position
Any
Conforms to standard
ISO 15552
Piston rod end
External thread
Design
Piston
Piston rod
Tie rod
Cylinder barrel
Position sensing
For proximity sensor
Symbol
00991235
Variants
Piston rod at one end
Operating pressure
0.6 bar ... 10 bar
Mode of operation
Double-acting
Operating medium
Compressed air as per ISO 8573-1:2010 [7:4:4]
Information on operating and pilot media
Operation with oil lubrication possible (required for further use)
Corrosion resistance class (CRC)
2 - Moderate corrosion stress
Ambient temperature
-20 °C ... 80 °C
Impact energy in the end positions
4.8 J
Cushioning length
48 mm
Cushioning length, advancing
48 mm
Cushioning length, retracting
48 mm
Theoretical force at 6 bar, retracting
18096 N
Theoretical force at 6 bar, advancing
18850 N
5/24/20 - Subject to change - Festo AG & Co. KG
1/2


Similar Part No. - 2390149

ManufacturerPart #DatasheetDescription
logo
Festo Corporation.
2390140 FESTO-2390140 Datasheet
98Kb / 2P
ISO cylinder
2390141 FESTO-2390141 Datasheet
98Kb / 2P
ISO cylinder
2390142 FESTO-2390142 Datasheet
98Kb / 2P
ISO cylinder
2390143 FESTO-2390143 Datasheet
97Kb / 2P
ISO cylinder
2390144 FESTO-2390144 Datasheet
98Kb / 2P
ISO cylinder
More results

Similar Description - 2390149

ManufacturerPart #DatasheetDescription
logo
Festo Corporation.
DSNU-12-25-P-A FESTO-DSNU-12-25-P-A Datasheet
43Kb / 2P
ISO cylinder
DSNU-12-160-P-A FESTO-DSNU-12-160-P-A Datasheet
36Kb / 2P
ISO cylinder
DSNU-16-10-PPS-A FESTO-DSNU-16-10-PPS-A Datasheet
37Kb / 2P
ISO cylinder
DSNU-16-100-P-A FESTO-DSNU-16-100-P-A Datasheet
39Kb / 2P
ISO cylinder
DSNU-16-150-PPV-A FESTO-DSNU-16-150-PPV-A Datasheet
39Kb / 2P
ISO cylinder
DSNU-16-60-P-A FESTO-DSNU-16-60-P-A Datasheet
41Kb / 2P
ISO cylinder
DSNU-16-70-P-A FESTO-DSNU-16-70-P-A Datasheet
40Kb / 2P
ISO cylinder
DSNU-16-80-P-A FESTO-DSNU-16-80-P-A Datasheet
40Kb / 2P
ISO cylinder
DSNU-16-80-PPV-A FESTO-DSNU-16-80-PPV-A Datasheet
42Kb / 2P
ISO cylinder
DSNU-20-10-PPS-A FESTO-DSNU-20-10-PPS-A Datasheet
38Kb / 1P
ISO cylinder
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com