Electronic Components Datasheet Search
  English  ▼

X  

2537460 Datasheet(PDF) 1 Page - Festo Corporation.

Part # 2537460
Description  ISO cylinder
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FESTO [Festo Corporation.]
Direct Link  https://www.festo.com/us/en/
Logo FESTO - Festo Corporation.

2537460 Datasheet(HTML) 1 Page - Festo Corporation.

  2537460 Datasheet HTML 1Page - Festo Corporation. 2537460 Datasheet HTML 2Page - Festo Corporation.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
ISO cylinder
DSBG-200-500-P-N3
Part number: 2537460
Data sheet
Feature
Value
Piston seal material
NBR
Piston rod wiper seal material
NBR
Cushion piston material
POM
Buffer seal material
TPE-U(PU)
Material of piston
Aluminium-Guss
Werkstoff Bundmutter
Stahl, verzinkt
Nut material
Steel, galvanized
Material of bearing
Metall-Polymer-Verbund
Tie rod material
hochlegierter Stahl
Stroke
500 mm
Piston diameter
200 mm
Piston rod thread
M36x2
Type code
DSBG
Cushioning
Elastic cushioning rings/pads at both ends
Mounting position
Any
Conforms to standard
ISO 15552
Piston rod end
External thread
Design
Piston
Piston rod
Tie rod
Cylinder barrel
Symbol
00991217
Variants
Piston rod at one end
Operating pressure
0.6 bar ... 10 bar
Mode of operation
Double-acting
Operating medium
Compressed air as per ISO 8573-1:2010 [7:4:4]
Information on operating and pilot media
Operation with oil lubrication possible (required for further use)
Corrosion resistance class (CRC)
2 - Moderate corrosion stress
Ambient temperature
-20 °C ... 80 °C
Impact energy in the end positions
4.8 J
Cushioning length
48 mm
Theoretical force at 6 bar, retracting
18096 N
Theoretical force at 6 bar, advancing
18850 N
Moving mass at 0 mm stroke
5348 g
Additional weight per 10 mm stroke
97 g
Basic weight with 0 mm stroke
15493 g
5/24/20 - Subject to change - Festo AG & Co. KG
1/2


Similar Part No. - 2537460

ManufacturerPart #DatasheetDescription
logo
Weidmuller
2537410000 WEIDMULLER-2537410000 Datasheet
625Kb / 5P
SL 5.08HC/02/90B 3.2SN GY BX
logo
Festo Corporation.
2537448 FESTO-2537448 Datasheet
95Kb / 2P
ISO cylinder
2537449 FESTO-2537449 Datasheet
95Kb / 2P
ISO cylinder
2537450 FESTO-2537450 Datasheet
95Kb / 2P
ISO cylinder
2537451 FESTO-2537451 Datasheet
95Kb / 2P
ISO cylinder
More results

Similar Description - 2537460

ManufacturerPart #DatasheetDescription
logo
Festo Corporation.
DSNU-12-25-P-A FESTO-DSNU-12-25-P-A Datasheet
43Kb / 2P
ISO cylinder
DSNU-12-160-P-A FESTO-DSNU-12-160-P-A Datasheet
36Kb / 2P
ISO cylinder
DSNU-16-10-PPS-A FESTO-DSNU-16-10-PPS-A Datasheet
37Kb / 2P
ISO cylinder
DSNU-16-100-P-A FESTO-DSNU-16-100-P-A Datasheet
39Kb / 2P
ISO cylinder
DSNU-16-150-PPV-A FESTO-DSNU-16-150-PPV-A Datasheet
39Kb / 2P
ISO cylinder
DSNU-16-60-P-A FESTO-DSNU-16-60-P-A Datasheet
41Kb / 2P
ISO cylinder
DSNU-16-70-P-A FESTO-DSNU-16-70-P-A Datasheet
40Kb / 2P
ISO cylinder
DSNU-16-80-P-A FESTO-DSNU-16-80-P-A Datasheet
40Kb / 2P
ISO cylinder
DSNU-16-80-PPV-A FESTO-DSNU-16-80-PPV-A Datasheet
42Kb / 2P
ISO cylinder
DSNU-20-10-PPS-A FESTO-DSNU-20-10-PPS-A Datasheet
38Kb / 1P
ISO cylinder
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com