Electronic Components Datasheet Search
  English  ▼

X  

1757501 Datasheet(PDF) 4 Page - PHOENIX CONTACT

Part # 1757501
Description  MVSTBR 2,5/ 5-ST
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

1757501 Datasheet(HTML) 4 Page - PHOENIX CONTACT

  1757501 Datasheet HTML 1Page - PHOENIX CONTACT 1757501 Datasheet HTML 2Page - PHOENIX CONTACT 1757501 Datasheet HTML 3Page - PHOENIX CONTACT 1757501 Datasheet HTML 4Page - PHOENIX CONTACT 1757501 Datasheet HTML 5Page - PHOENIX CONTACT 1757501 Datasheet HTML 6Page - PHOENIX CONTACT  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
MVSTBR 2,5/ 5-ST Order No.: 1792045
http://eshop.phoenixcontact.de/phoenix/treeViewClick.do?UID=1792045
PHOENIX CONTACT Inc., USA
Page 4 / 6
http://www.phoenixcon.com
Mar 9, 2010
Additional products
Item
Designation
Description
General
0707138
DFK-MSTB 2,5/ 5-G
Plug component, Nominal current: 12 A, Nom. voltage: 320 V,
Nom. voltage: 320 V, Pitch: 5 mm, Number of positions: 5, Color:
green, Assembly: Direct mounting
1899870
EMSTBA 2,5/ 5-G
Header, Nominal current: 12 A, Nom. voltage: 250 V, Pitch: 5 mm,
Number of positions: 5, Color: green, Assembly: Press-in
1914881
EMSTBVA 2,5/ 5-G
Header, Nominal current: 12 A, Nom. voltage: 200 V, Pitch: 5 mm,
Number of positions: 5, Color: green, Assembly: Press-in
1846548
MDSTBA 2,5/ 5-G
Header, Nominal current: 10 A, Nom. voltage: 250 V, Pitch: 5 mm,
Number of positions: 5, Color: green, Assembly: Soldering
1845811
MDSTBVA 2,5/ 5-G
Header, Nominal current: 10 A, Nom. voltage: 250 V, Pitch: 5 mm,
Number of positions: 5, Color: green, Assembly: Soldering
1754494
MSTB 2,5/ 5-G
Header, Nominal current: 12 A, Nom. voltage: 250 V, Pitch: 5 mm,
Number of positions: 5, Color: green, Assembly: Soldering
1768215
MSTB 2,5/ 5-G-LA
Header, Nominal current: 12 A, Nom. voltage: 250 V, Pitch: 5 mm,
Number of positions: 5, Assembly: Soldering
1757501
MSTBA 2,5/ 5-G
Header, Nominal current: 12 A, Nom. voltage: 250 V, Pitch: 5 mm,
Number of positions: 5, Color: green, Assembly: Soldering
1770517
MSTBA 2,5/ 5-G-LA
Header, Nominal current: 12 A, Nom. voltage: 250 V, Pitch: 5 mm,
Number of positions: 5, Assembly: Soldering
1753495
MSTBV 2,5/ 5-G
Header, Nominal current: 12 A, Nom. voltage: 250 V, Pitch: 5 mm,
Number of positions: 5, Color: green, Assembly: Soldering
1755545
MSTBVA 2,5/ 5-G
Header, Nominal current: 12 A, Nom. voltage: 250 V, Pitch: 5 mm,
Number of positions: 5, Color: green, Assembly: Soldering
1736085
MSTBW 2,5/ 5-G
Header, Nominal current: 12 A, Nom. voltage: 250 V, Pitch: 5 mm,
Number of positions: 5, Color: green, Assembly: Soldering
1769269
SMSTB 2,5/ 5-G
Header, Nominal current: 12 A, Nom. voltage: 250 V, Pitch: 5 mm,
Number of positions: 5, Color: green, Assembly: Soldering
1769832
SMSTBA 2,5/ 5-G
Header, Nominal current: 12 A, Nom. voltage: 250 V, Pitch: 5 mm,
Number of positions: 5, Color: green, Assembly: Soldering



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com