Electronic Components Datasheet Search
  English  ▼

X  

1753479 Datasheet(PDF) 1 Page - PHOENIX CONTACT

Part # 1753479
Description  MVSTBR 2,5/ 4-ST
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

1753479 Datasheet(HTML) 1 Page - PHOENIX CONTACT

  1753479 Datasheet HTML 1Page - PHOENIX CONTACT 1753479 Datasheet HTML 2Page - PHOENIX CONTACT 1753479 Datasheet HTML 3Page - PHOENIX CONTACT 1753479 Datasheet HTML 4Page - PHOENIX CONTACT 1753479 Datasheet HTML 5Page - PHOENIX CONTACT 1753479 Datasheet HTML 6Page - PHOENIX CONTACT  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
PHOENIX CONTACT Inc., USA
Page 1 / 6
http://www.phoenixcon.com
Mar 9, 2010
Extract from the online
catalog
 
MVSTBR 2,5/ 4-ST
Order No.: 1792032
The figure shows a 10-position version of the product
http://eshop.phoenixcontact.de/phoenix/treeViewClick.do?UID=1792032
 
 
Plug component, Nominal current: 12 A, Nom. voltage: 250 V, Pitch:
5 mm, Number of positions: 4, Connection type: Screw connection,
Color: green
 
Commercial data
EAN
4017918044510
Pack
50 pcs.
Customs tariff
85366990
Weight/Piece
0.00871 KG
Catalog page information
Page 202 (CC-2009)
Product notes
WEEE/RoHS-compliant since:
01/01/2003
http://
www.download.phoenixcontact.com
Please note that the data given
here has been taken from the
online catalog. For comprehensive
information and data, please refer
to the user documentation. The
General Terms and Conditions of
Use apply to Internet downloads.
Technical data
Dimensions / positions
Pitch
5 mm
Dimension a
15 mm
Number of positions
4
Screw thread
M3


Similar Part No. - 1753479

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1753479 PHOENIX-1753479 Datasheet
116Kb / 4P
MSTB 2,5/ 4-ST BD:1-4
1753479 PHOENIX-1753479 Datasheet
142Kb / 6P
MSTB 2,5/ 4-ST
1753479 PHOENIX-1753479 Datasheet
145Kb / 5P
MSTBV 2,5/ 4-G
1753479 PHOENIX-1753479 Datasheet
105Kb / 4P
MSTB 2,5/ 4-ST-5,08 BD:1-4
1753479 PHOENIX-1753479 Datasheet
151Kb / 6P
MVSTBW 2,5/ 4-ST
More results

Similar Description - 1753479

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1792016 PHOENIX-1792016 Datasheet
172Kb / 6P
MVSTBR 2,5/ 2-ST
1792029 PHOENIX-1792029 Datasheet
173Kb / 6P
MVSTBR 2,5/ 3-ST
1792045 PHOENIX-1792045 Datasheet
169Kb / 6P
MVSTBR 2,5/ 5-ST
1792058 PHOENIX-1792058 Datasheet
172Kb / 6P
MVSTBR 2,5/ 6-ST
1792061 PHOENIX-1792061 Datasheet
170Kb / 6P
MVSTBR 2,5/ 7-ST
1792074 PHOENIX-1792074 Datasheet
170Kb / 6P
MVSTBR 2,5/ 8-ST
1792087 PHOENIX-1792087 Datasheet
170Kb / 6P
MVSTBR 2,5/ 9-ST
1792090 PHOENIX-1792090 Datasheet
171Kb / 6P
MVSTBR 2,5/10-ST
1792113 PHOENIX-1792113 Datasheet
170Kb / 6P
MVSTBR 2,5/12-ST
1792265 PHOENIX-1792265 Datasheet
176Kb / 7P
MVSTBR 2,5/ 4-ST-5,08
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com