Electronic Components Datasheet Search
  English  ▼

X  

3002173 Datasheet(PDF) 1 Page - PHOENIX CONTACT

Part # 3002173
Description  MVSTBR 2,5/ 3-ST-5,08
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

3002173 Datasheet(HTML) 1 Page - PHOENIX CONTACT

  3002173 Datasheet HTML 1Page - PHOENIX CONTACT 3002173 Datasheet HTML 2Page - PHOENIX CONTACT 3002173 Datasheet HTML 3Page - PHOENIX CONTACT 3002173 Datasheet HTML 4Page - PHOENIX CONTACT 3002173 Datasheet HTML 5Page - PHOENIX CONTACT 3002173 Datasheet HTML 6Page - PHOENIX CONTACT 3002173 Datasheet HTML 7Page - PHOENIX CONTACT  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
PHOENIX CONTACT Inc., USA
Page 1 / 7
http://www.phoenixcon.com
Mar 9, 2010
Extract from the online
catalog
 
MVSTBR 2,5/ 3-ST-5,08
Order No.: 1792252
The figure shows a 10-position version of the product
http://eshop.phoenixcontact.de/phoenix/treeViewClick.do?UID=1792252
 
 
Plug component, Nominal current: 12 A, Nom. voltage: 250 V, Pitch:
5.08 mm, Number of positions: 3, Connection type: Screw connection,
Color: green
 
Commercial data
EAN
4017918044732
Pack
50 pcs.
Customs tariff
85366990
Weight/Piece
0.006742 KG
Catalog page information
Page 202 (CC-2009)
Product notes
WEEE/RoHS-compliant since:
01/01/2003
http://
www.download.phoenixcontact.com
Please note that the data given
here has been taken from the
online catalog. For comprehensive
information and data, please refer
to the user documentation. The
General Terms and Conditions of
Use apply to Internet downloads.
Technical data
Dimensions / positions
Pitch
5.08 mm
Dimension a
10.16 mm
Number of positions
3
Screw thread
M3


Similar Part No. - 3002173

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
3002173 PHOENIX-3002173 Datasheet
149Kb / 7P
MSTB 2,5/ 3-ST-5,08
3002173 PHOENIX-3002173 Datasheet
148Kb / 7P
MSTB 2,5/ 4-ST-5,08
3002173 PHOENIX-3002173 Datasheet
321Kb / 8P
MSTB 2,5/ 5-ST-5,08
3002173 PHOENIX-3002173 Datasheet
149Kb / 8P
MSTB 2,5/ 7-ST-5,08
3002173 PHOENIX-3002173 Datasheet
149Kb / 8P
MSTB 2,5/ 8-ST-5,08
More results

Similar Description - 3002173

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1792265 PHOENIX-1792265 Datasheet
176Kb / 7P
MVSTBR 2,5/ 4-ST-5,08
1792278 PHOENIX-1792278 Datasheet
175Kb / 7P
MVSTBR 2,5/ 5-ST-5,08
1792294 PHOENIX-1792294 Datasheet
176Kb / 7P
MVSTBR 2,5/ 7-ST-5,08
1792304 PHOENIX-1792304 Datasheet
176Kb / 7P
MVSTBR 2,5/ 8-ST-5,08
1792317 PHOENIX-1792317 Datasheet
175Kb / 7P
MVSTBR 2,5/ 9-ST-5,08
1792388 PHOENIX-1792388 Datasheet
172Kb / 6P
MVSTBR 2,5/16-ST-5,08
1786653 PHOENIX-1786653 Datasheet
134Kb / 11P
Plug - MVSTBR 2,5/ 3-ST-5,08 AU
1707985 PHOENIX-1707985 Datasheet
68Kb / 2P
MVSTBR 2,5/ 3-ST-5,08 BD:1-3
1712034 PHOENIX-1712034 Datasheet
59Kb / 4P
Plug - MVSTBR 2,5/ 3-ST-5,08 OG
1912414 PHOENIX-1912414 Datasheet
411Kb / 15P
MVSTBR 2,5 HC/ 3-ST-5,08 - PCB connector
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com