Electronic Components Datasheet Search
  English  ▼

X  

3002173 Datasheet(PDF) 4 Page - PHOENIX CONTACT

Part # 3002173
Description  MVSTBR 2,5/ 7-ST-5,08
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

3002173 Datasheet(HTML) 4 Page - PHOENIX CONTACT

  3002173 Datasheet HTML 1Page - PHOENIX CONTACT 3002173 Datasheet HTML 2Page - PHOENIX CONTACT 3002173 Datasheet HTML 3Page - PHOENIX CONTACT 3002173 Datasheet HTML 4Page - PHOENIX CONTACT 3002173 Datasheet HTML 5Page - PHOENIX CONTACT 3002173 Datasheet HTML 6Page - PHOENIX CONTACT 3002173 Datasheet HTML 7Page - PHOENIX CONTACT  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
MVSTBR 2,5/ 7-ST-5,08 Order No.: 1792294
http://eshop.phoenixcontact.de/phoenix/treeViewClick.do?UID=1792294
PHOENIX CONTACT Inc., USA
Page 4 / 7
http://www.phoenixcon.com
Mar 10, 2010
Accessories
Item
Designation
Description
Marking
1051993
B-STIFT
Marker pen, for manual labeling of unprinted Zack strips, smear-
proof and waterproof, line thickness 0.5 mm
0805085
SK 5,08/3,8:SO
Marker card, special printing, self-adhesive, labeled acc. to
customer requirements, 12 identical marker strips per card, max.
25-position labeling per strip, color: white
0805412
SK 5,08/3,8:UNBEDRUCKT
Marker cards, unprinted, with pitch divisions, self-adhesive, 10-
section marker strips, 12 strips per card, can be labeled with the
M-PEN
Tools
1205053
SZS 0,6X3,5
Screwdriver, bladed, matches all screw terminal blocks up to 4.0
mm² connection cross section, blade: 0.6 x 3.5 mm, without VDE
approval
Additional products
Item
Designation
Description
General
1899184
DFK-MSTBVA 2,5/ 7-G-5,08
Header, Nominal current: 12 A, Nom. voltage: 250 V, Nom.
voltage: 250 V, Pitch: 5.08 mm, Number of positions: 7, Color:
green, Assembly: Soldering
1880355
EMSTBA 2,5/ 7-G-5,08
Header, Nominal current: 12 A, Nom. voltage: 250 V, Pitch: 5.08
mm, Number of positions: 7, Color: green, Assembly: Press-in
1859564
EMSTBVA 2,5/ 7-G-5,08
Header, Nominal current: 12 A, Nom. voltage: 200 V, Pitch: 5.08
mm, Number of positions: 7, Color: green, Assembly: Press-in
1873401
FKIC 2,5/ 7-ST-5,08
Plug component, Nominal current: 12 A, Nom. voltage: 320 V,
Pitch: 5.08 mm, Number of positions: 7, Connection type: Spring-
cage conn., Color: green
1823891
ICC 2,5/ 7-STZ-5,08
Plug component, Nominal current: 12 A, Nom. voltage: 250 V,
Pitch: 5.08 mm, Number of positions: 7, Connection type: Crimp
connection, Color: green
1762428
MDSTB 2,5/ 7-G1-5,08
Header, Nominal current: 10 A, Nom. voltage: 250 V, Pitch: 5.08
mm, Number of positions: 7, Color: green, Assembly: Soldering
1842115
MDSTBA 2,5/ 7-G-5,08
Header, Nominal current: 10 A, Nom. voltage: 250 V, Pitch: 5.08
mm, Number of positions: 7, Color: green, Assembly: Soldering
1762554
MDSTBV 2,5/ 7-G1-5,08
Header, Nominal current: 10 A, Nom. voltage: 250 V, Pitch: 5.08
mm, Number of positions: 7, Color: green, Assembly: Soldering
1845387
MDSTBVA 2,5/ 7-G-5,08
Header, Nominal current: 10 A, Nom. voltage: 250 V, Pitch: 5.08
mm, Number of positions: 7, Color: green, Assembly: Soldering



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com