Electronic Components Datasheet Search
  English  ▼

X  

0803906 Datasheet(PDF) 3 Page - PHOENIX CONTACT

Part # 0803906
Description  PCV 4/ 2-G-7,62
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

0803906 Datasheet(HTML) 3 Page - PHOENIX CONTACT

  0803906 Datasheet HTML 1Page - PHOENIX CONTACT 0803906 Datasheet HTML 2Page - PHOENIX CONTACT 0803906 Datasheet HTML 3Page - PHOENIX CONTACT 0803906 Datasheet HTML 4Page - PHOENIX CONTACT 0803906 Datasheet HTML 5Page - PHOENIX CONTACT  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
PCV 4/ 2-G-7,62 Order No.: 1804687
http://eshop.phoenixcontact.de/phoenix/treeViewClick.do?UID=1804687
PHOENIX CONTACT Inc., USA
Page 3 / 5
http://www.phoenixcon.com
Mar 10, 2010
Accessories
Item
Designation
Description
Assembly
1827570
BF-PC 4
Mounting flange, is snapped onto the left and right of the headers,
for screw connection with PC 4/...-STF-7.62
Marking
1051993
B-STIFT
Marker pen, for manual labeling of unprinted Zack strips, smear-
proof and waterproof, line thickness 0.5 mm
0804549
SK 7,62/3,8:FORTL.ZAHLEN
Marker card, printed horizontally, self-adhesive, 10-section marker
strip, 12 identical decades marked 1-10, 11-20 etc. up to 91-99,
sufficient for 120 terminal blocks
0805153
SK 7,62/3,8:SO
Marker card, special printing, self-adhesive, labeled acc. to
customer requirements, 12 identical marker strips per card, max.
25-position labeling per strip, color: white
0803906
SK U/3,8 WH:UNBEDRUCKT
Unprinted marker cards, DIN A4 format, pitch as desired, self-
adhesive, with 40 stamped marker strips, 185 mm strip length, can
be labeled with the CMS system or manually with the M-PEN
Plug/Adapter
1600027
CP-HCC 4
Coding profile, Color: red
Additional products
Item
Designation
Description
General
1848892
PC 4 HV/ 2-ST-7,62
Plug component, Nominal current: 20 A, Nom. voltage: 800 V,
Pitch: 7.62 mm, Number of positions: 2, Connection type: Screw
connection, Color: green
1882379
PC 4 HV/ 2-STF-7,62
Plug component, Nominal current: 20 A, Nom. voltage: 800 V,
Pitch: 7.62 mm, Number of positions: 2, Connection type: Screw
connection, Color: green
1804904
PC 4/ 2-ST-7,62
Plug component, Nominal current: 20 A, Nom. voltage: 400 V,
Pitch: 7.62 mm, Number of positions: 2, Connection type: Screw
connection, Color: green
1828249
PC 4/ 2-STF-7,62
Plug component, Nominal current: 20 A, Nom. voltage: 400 V,
Pitch: 7.62 mm, Number of positions: 2, Connection type: Screw
connection, Color: green
1840191
PCC 4/ 2-ST-7,62
Plug component, Nominal current: 20 A, Nom. voltage: 400 V,
Pitch: 7.62 mm, Number of positions: 2, Connection type: Crimp
connection, Color: green



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com