Electronic Components Datasheet Search
  English  ▼

X  

MPX10GP Datasheet(PDF) 1 Page - NXP Semiconductors

Part # MPX10GP
Description  10 kPa Uncompensated Silicon Pressure Sensors
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

MPX10GP Datasheet(HTML) 1 Page - NXP Semiconductors

  MPX10GP Datasheet HTML 1Page - NXP Semiconductors MPX10GP Datasheet HTML 2Page - NXP Semiconductors MPX10GP Datasheet HTML 3Page - NXP Semiconductors MPX10GP Datasheet HTML 4Page - NXP Semiconductors MPX10GP Datasheet HTML 5Page - NXP Semiconductors MPX10GP Datasheet HTML 6Page - NXP Semiconductors MPX10GP Datasheet HTML 7Page - NXP Semiconductors MPX10GP Datasheet HTML 8Page - NXP Semiconductors MPX10GP Datasheet HTML 9Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
MPX10
Rev 14, 10/2008
Freescale Semiconductor
© Freescale Semiconductor, Inc., 2007-2008. All rights reserved.
Pressure
+
10 kPa Uncompensated
Silicon Pressure Sensors
The MPX10 series silicon piezoresistive pressure sensors provide a very
accurate and linear voltage output, directly proportional to the applied
pressure. These standard, low cost, uncompensated sensors permit
manufacturers to design and add their own external temperature
compensation and signal conditioning networks. Compensation techniques
are simplified because of the predictability of Freescale's single element
strain gauge design.
Features
• Low Cost
• Patented Silicon Shear Stress Strain Gauge Design
• Ratiometric to Supply Voltage
• Differential and Gauge Options
• Durable Epoxy Unibody Element or Thermoplastic (PPS) Surface Mount
Package
ORDERING INFORMATION
Device Name
Package
Options
Case
No.
# of Ports
Pressure Type
Device
Marking
None
Single
Dual
Gauge
Differential
Absolute
Unibody Package (MPX10 Series)
MPX10D
Tray
344
•
•
MPX10D
MPX10DP
Tray
344C
•
•
MPX10DP
MPX10GP
Tray
344B
•
•
MPX10GP
Small Outline Package (MPXV10G Series)
MPXV10GC6U
Rail
482A
•
•
MPXV10G
MPXV10GC7U
Rail
482C
•
•
MPXV10G
MPX10
Series
0 to 10 kPa (0 to 1.45 psi)
35 mV Full Scale Span
(Typical)
SMALL OUTLINE PACKAGE
MPXV10GC6U
CASE 482A-01
MPXV10GC7U
CASE 482C-03
UNIBODY PACKAGE
MPX10D
CASE 344-15
MPX10GP
CASE 344B-01
MPX10DP
CASE 344C-01
Application Examples
• Air Movement Control
• Environmental Control Systems
• Level Indicators
• Leak Detection
• Medical Instrumentation
• Industrial Controls
• Pneumatic Control Systems
• Robotics


Similar Part No. - MPX10GP

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MPX10GP MOTOROLA-MPX10GP Datasheet
157Kb / 8P
0 to 10 kPa (0-1.45 psi) 35 mV FULL SCALE SPAN (TYPICAL)
MPX10GP MOTOROLA-MPX10GP Datasheet
6Mb / 670P
Sensor
logo
Freescale Semiconductor...
MPX10GP FREESCALE-MPX10GP Datasheet
228Kb / 9P
10 kPa Uncompensated Silicon Pressure Sensors
MPX10GP FREESCALE-MPX10GP Datasheet
129Kb / 9P
10 kPa Uncompensated Silicon Pressure Sensors
More results

Similar Description - MPX10GP

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MPX53 MOTOROLA-MPX53 Datasheet
150Kb / 8P
50 KPA UNCOMPENSATED SILICON PRESSURE SENSORS
logo
Freescale Semiconductor...
MPVZ12 FREESCALE-MPVZ12 Datasheet
236Kb / 14P
10 kPa Uncompensated Silicon Pressure Sensors
MPVZ12 FREESCALE-MPVZ12_07 Datasheet
324Kb / 13P
10 kPa Uncompensated Silicon Pressure Sensors
MPX10 FREESCALE-MPX10 Datasheet
228Kb / 9P
10 kPa Uncompensated Silicon Pressure Sensors
MPX12 FREESCALE-MPX12 Datasheet
190Kb / 8P
10 kPa Uncompensated Silicon Pressure Sensors
MPX53 FREESCALE-MPX53 Datasheet
221Kb / 9P
50 kPa Uncompensated Silicon Pressure Sensors
MPX10 FREESCALE-MPX10_08 Datasheet
129Kb / 9P
10 kPa Uncompensated Silicon Pressure Sensors
MPX12 FREESCALE-MPX12_08 Datasheet
237Kb / 14P
10 kPa Uncompensated Silicon Pressure Sensors
MPXM12GS FREESCALE-MPXM12GS Datasheet
376Kb / 20P
10 kPa Uncompensated Silicon Pressure Sensors
logo
NXP Semiconductors
MPX12 NXP-MPX12 Datasheet
449Kb / 20P
10 kPa Uncompensated Silicon Pressure Sensors
Rev 11, 07/2009
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com