Electronic Components Datasheet Search
  English  ▼

X  

S2006LS3 Datasheet(PDF) 11 Page - Littelfuse

Part # S2006LS3
Description  Sensitive SCRs (0.8 A to 10 A)
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LITTELFUSE [Littelfuse]
Direct Link  http://www.littelfuse.com
Logo LITTELFUSE - Littelfuse

S2006LS3 Datasheet(HTML) 11 Page - Littelfuse

Back Button S2006LS3 Datasheet HTML 4Page - Littelfuse S2006LS3 Datasheet HTML 5Page - Littelfuse S2006LS3 Datasheet HTML 6Page - Littelfuse S2006LS3 Datasheet HTML 7Page - Littelfuse S2006LS3 Datasheet HTML 8Page - Littelfuse S2006LS3 Datasheet HTML 9Page - Littelfuse S2006LS3 Datasheet HTML 10Page - Littelfuse S2006LS3 Datasheet HTML 11Page - Littelfuse S2006LS3 Datasheet HTML 12Page - Littelfuse  
Zoom Inzoom in Zoom Outzoom out
 11 / 12 page
background image
Data Sheets
Sensitive SCRs
©2004 Littelfuse, Inc.
E5 - 11
http://www.littelfuse.com
Thyristor Product Catalog
+1 972-580-7777
Figure E5.20 Peak Repetitive Capacitor Discharge Current
Figure E5.21 Peak Repetitive Sinusoidal Curve
180
160
140
120
100
80
60
40
20
0
1.0
3.0
5.0 7.0
10
30
50
70 100
Peak Current Duration (tW) – µs
0.8 A to 4 A
ITM
tW
tW = 5 TIME CONSTANTS
60 Hz
12 Hz
1 Hz
180
160
140
120
100
80
60
40
20
0
1.0
3.0
5.0 7.0
10
30
50
70 100
Peak Current Duration (tW) – µs
0.8 A to 4 A
ITM
tW
60 Hz
12 Hz
1 Hz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com