Electronic Components Datasheet Search
  English  ▼

X  

GL5EDXXX Datasheet(PDF) 9 Page - List of Unclassifed Manufacturers

Part # GL5EDXXX
Description  HIGH-LUMINOSITY LED LAMP
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

GL5EDXXX Datasheet(HTML) 9 Page - List of Unclassifed Manufacturers

Back Button GL5EDXXX Datasheet HTML 3Page - List of Unclassifed Manufacturers GL5EDXXX Datasheet HTML 4Page - List of Unclassifed Manufacturers GL5EDXXX Datasheet HTML 5Page - List of Unclassifed Manufacturers GL5EDXXX Datasheet HTML 6Page - List of Unclassifed Manufacturers GL5EDXXX Datasheet HTML 7Page - List of Unclassifed Manufacturers GL5EDXXX Datasheet HTML 8Page - List of Unclassifed Manufacturers GL5EDXXX Datasheet HTML 9Page - List of Unclassifed Manufacturers GL5EDXXX Datasheet HTML 10Page - List of Unclassifed Manufacturers GL5EDXXX Datasheet HTML 11Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 9 / 11 page
background image
LED
103
CHIP LED
★Under development
■ HIGH-LUMINOSITY DICHROMATIC TYPE CHIP LEDs
(Taped models only)
■ DICHROMATIC TYPE CHIP LEDs
(Taped models only)
■ HIGH-LUMINOSITY WHITE TYPE CHIP LEDs (with blue chip)
(Taped models only)
*1 GM5BW95300A: IF = 20 mA
*2 GM5BW01301A: IF = 40 mA
*3 GM5BW01300A: IF = 35 mA/chip
Outline
dimensions
(mm)
Resin type
Amber + Blue
Sunset orange + Green
Luminous
intensity
(mcd) TYP.
Luminous
intensity
(mcd) TYP.
1.6
× 1.6 (T: 0.8)
●
GM1ZVB80300A
43.8/14.4
GM1ZSG80300A
66/46.1
Outline
dimensions
(mm)
Resin type
Blue + Green
Blue + Red
Green + Red
Luminous
intensity
(mcd) TYP.
Luminous
intensity
(mcd) TYP.
Luminous
intensity
(mcd) TYP.
6.0
× 5.0 (T: 2.5)
●
GM5BG01210A
300/860
GM5ZRB01210A
300/580
GM5ZRG01210A
860/580
Outline
dimensions
(mm)
Resin type
Yellow-green + Yellow
Yellow-green + Red
Luminous
intensity
(mcd) TYP.
Luminous
intensity
(mcd) TYP.
1.6
× 1.6 (T: 0.8)
●
LT1EH67A
19/8.3
LT1ED67A
19/8.3
GM5BG01210A series
LT1ED67A series
GM1ZVB80300A series
Outline
dimensions
(mm)
Color
coordinates
(x, y)
Radiation color
White
Luminous
intensity
(mcd) TYP.
3.2
× 2.8 (T: 1.9)
(0.31, 0.3)
White
★ GM5BW95300A*1
1 100
6.0
× 5.0 (T: 1.5)
6-terminal leadless
(0.31, 0.31)
White
★ GM5BW01300A*3
4 200
6.0
× 5.0 (T: 2.5)
4-terminal leadless
(0.31, 0.31)
White
★ GM5BW01301A*2
1 800
GM5BW95300A
GM5BW01300A
GM5BW01301A
(I F = 20 mA, [Blue, Green: I F = 10 mA], Ta = 25°C)
ZV BC
ZS GC
(I F = 40 mA, Ta = 25°C)
BC GC
BC ZR
GC ZR
(I F = 20 mA, Ta = 25°C)
H
E
D
E
(Ta = 25°C)
BW
Notice
In the absence of confirmation by device specification sheets, SHARP takes no responsibility for any defects that may occur in
equipment using any SHARP devices shown in catalogs, data books, etc.
Except where specially indicated, models listed on this page comply with the RoHS Directive*. For details, please contact SHARP.
*RoHS Directive: Prohibits use of lead, cadmium, hexavalent chromium, mercury and specific brominated flame retardants
(PBBs and PBDEs), with certain exceptions.
Contact SHARP in order to obtain the latest device specification sheets before using any SHARP device.



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com