Electronic Components Datasheet Search
  English  ▼

X  

SA10201521 Datasheet(PDF) 2 Page - Cyntec Co., Ltd.

Part # SA10201521
Description  SA10201521, The Platinum Resistance temperature sensor (PT-RTD)
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYNTEC [Cyntec Co., Ltd.]
Direct Link  http://www.cyntec.com/
Logo CYNTEC - Cyntec Co., Ltd.

SA10201521 Datasheet(HTML) 2 Page - Cyntec Co., Ltd.

  SA10201521 Datasheet HTML 1Page - Cyntec Co., Ltd. SA10201521 Datasheet HTML 2Page - Cyntec Co., Ltd. SA10201521 Datasheet HTML 3Page - Cyntec Co., Ltd. SA10201521 Datasheet HTML 4Page - Cyntec Co., Ltd. SA10201521 Datasheet HTML 5Page - Cyntec Co., Ltd. SA10201521 Datasheet HTML 6Page - Cyntec Co., Ltd. SA10201521 Datasheet HTML 7Page - Cyntec Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
DOCUMENT : SA10201521
REVISION
: A1
2
PT Sensor
Outline Drawing :
Unit: mm
Dimension
W
φ3±0.2
L1
6±1
L2
8±2
M
Ni wire
φ0.22(TYP.)
Type Designation :
SA
102
0
1
XXX
(1)
(2)
(3) (4)
(5)
Where
(1) Series No: SA= Applicable temperature range 500℃
(2) Resistance Value: 102=10X10²=1000 ohm
(3) TCR/Class: 0 = 3850/B
(4) Package type : 1 = Ceramic tube
(5) Serial No



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com