Electronic Components Datasheet Search
  English  ▼

X  

1908774 Datasheet(PDF) 1 Page - PHOENIX CONTACT

Part # 1908774
Description  MC 1,5/ 3-ST-3,81
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

1908774 Datasheet(HTML) 1 Page - PHOENIX CONTACT

  1908774 Datasheet HTML 1Page - PHOENIX CONTACT 1908774 Datasheet HTML 2Page - PHOENIX CONTACT 1908774 Datasheet HTML 3Page - PHOENIX CONTACT 1908774 Datasheet HTML 4Page - PHOENIX CONTACT 1908774 Datasheet HTML 5Page - PHOENIX CONTACT 1908774 Datasheet HTML 6Page - PHOENIX CONTACT  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
PHOENIX CONTACT Inc., USA
Page 1 / 6
http://www.phoenixcon.com
Mar 10, 2010
Extract from the online
catalog
 
MC 1,5/ 3-ST-3,81
Order No.: 1803581
The figure shows a 10-position version of the product
http://eshop.phoenixcontact.de/phoenix/treeViewClick.do?UID=1803581
 
 
Plug component, Nominal current: 8 A, Nom. voltage: 160 V, Pitch:
3.81 mm, Number of positions: 3, Connection type: Screw connection,
Color: green
 
Commercial data
EAN
4017918045890
Pack
50 pcs.
Customs tariff
85366990
Weight/Piece
0.00253 KG
Catalog page information
Page 142 (CC-2009)
Product notes
WEEE/RoHS-compliant since:
01/01/2003
http://
www.download.phoenixcontact.com
Please note that the data given
here has been taken from the
online catalog. For comprehensive
information and data, please refer
to the user documentation. The
General Terms and Conditions of
Use apply to Internet downloads.
Technical data
Dimensions / positions
Pitch
3.81 mm
Dimension a
7.62 mm
Number of positions
3
Screw thread
M2


Similar Part No. - 1908774

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1908774 PHOENIX-1908774 Datasheet
151Kb / 6P
MCVW 1,5/ 3-ST-3,81
1908774 PHOENIX-1908774 Datasheet
138Kb / 6P
MCVR 1,5/ 3-ST-3,81
1908774 PHOENIX-1908774 Datasheet
149Kb / 6P
FK-MCP 1,5/ 3-ST-3,81
More results

Similar Description - 1908774

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1803578 PHOENIX-1803578 Datasheet
143Kb / 6P
MC 1,5/ 2-ST-3,81
1803604 PHOENIX-1803604 Datasheet
329Kb / 7P
MC 1,5/ 5-ST-3,81
1803617 PHOENIX-1803617 Datasheet
144Kb / 6P
MC 1,5/ 6-ST-3,81
1803620 PHOENIX-1803620 Datasheet
144Kb / 6P
MC 1,5/ 7-ST-3,81
1803633 PHOENIX-1803633 Datasheet
144Kb / 6P
MC 1,5/ 8-ST-3,81
1803646 PHOENIX-1803646 Datasheet
144Kb / 6P
MC 1,5/ 9-ST-3,81
1803675 PHOENIX-1803675 Datasheet
144Kb / 6P
MC 1,5/12-ST-3,81
1803691 PHOENIX-1803691 Datasheet
144Kb / 6P
MC 1,5/14-ST-3,81
1803714 PHOENIX-1803714 Datasheet
144Kb / 6P
MC 1,5/16-ST-3,81
1707327 PHOENIX-1707327 Datasheet
74Kb / 3P
MC 1,5/ 3-ST-3,81 BKBDWH:-
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com