Electronic Components Datasheet Search
  English  ▼

X  

RPD-2 Datasheet(PDF) 1 Page - Mini-Circuits

Part # RPD-2
Description  Phase Detectors 1000mV DC output , 7dBmRF
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MINI [Mini-Circuits]
Direct Link  http://www.minicircuits.com
Logo MINI - Mini-Circuits

RPD-2 Datasheet(HTML) 1 Page - Mini-Circuits

  RPD-2 Datasheet HTML 1Page - Mini-Circuits  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image


Similar Part No. - RPD-2

ManufacturerPart #DatasheetDescription
logo
Mean Well Enterprises C...
RPD-160 MEANWELL-RPD-160 Datasheet
385Kb / 2P
160W Dual Output Medical Type
RPD-160B MEANWELL-RPD-160B Datasheet
385Kb / 2P
160W Dual Output Medical Type
RPD-60 MEANWELL-RPD-60 Datasheet
411Kb / 2P
60W Dual Output Medical Type
RPD-60 MEANWELL-RPD-60 Datasheet
422Kb / 2P
60W Dual Output Medical Type
logo
FranMar International I...
RPD-60 FRANMAR-RPD-60 Datasheet
113Kb / 4P
Medical Grade
2020-02-17
More results

Similar Description - RPD-2

ManufacturerPart #DatasheetDescription
logo
Alpha Industries
SPD1101-111 ALPHA-SPD1101-111 Datasheet
450Kb / 2P
Sampling Phase Detectors
logo
Maxim Integrated Produc...
MAX9382 MAXIM-MAX9382 Datasheet
214Kb / 10P
ECL/PECL Phase-Frequency Detectors
Rev 1; 11/02
logo
Texas Instruments
TPS5120 TI-TPS5120 Datasheet
291Kb / 20P
DUAL OUTPUT, TWO PHASE SYNCHRONOUS BUCK DC/DC CONTROLLER
logo
Motorola, Inc
MRD300 MOTOROLA-MRD300 Datasheet
152Kb / 3P
PHOTO DETECTORS TRANSISTOR OUTPUT
logo
Skyworks Solutions Inc.
SPD1101-111 SKYWORKS-SPD1101-111_06 Datasheet
183Kb / 3P
Sampling Phase Detectors
logo
Texas Instruments
TPS5120-EP TI1-TPS5120-EP Datasheet
483Kb / 23P
DUAL OUTPUT, TWO-PHASE SYNCHRONOUS BUCK DC/DC CONTROLLER
TPS5120-Q1 TI1-TPS5120-Q1 Datasheet
325Kb / 21P
DUAL OUTPUT, TWO-PHASE SYNCHRONOUS BUCK DC/DC CONTROLLER
TPS5120 TI-TPS5120_15 Datasheet
858Kb / 24P
DUAL OUTPUT,TWO-PHASE SYNCHRONOUS BUCK DC/DC CONTROLLER
logo
M/A-COM Technology Solu...
MSPD101X-XXX MA-COM-MSPD101X-XXX Datasheet
820Kb / 6P
Sampling Phase Detectors
logo
Mini-Circuits
K-PD MINI-K-PD Datasheet
204Kb / 1P
PHASE DETECTORS
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com