Electronic Components Datasheet Search
  English  ▼

X  

1908842 Datasheet(PDF) 4 Page - PHOENIX CONTACT

Part # 1908842
Description  MC 1,5/10-ST-3,81
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

1908842 Datasheet(HTML) 4 Page - PHOENIX CONTACT

  1908842 Datasheet HTML 1Page - PHOENIX CONTACT 1908842 Datasheet HTML 2Page - PHOENIX CONTACT 1908842 Datasheet HTML 3Page - PHOENIX CONTACT 1908842 Datasheet HTML 4Page - PHOENIX CONTACT 1908842 Datasheet HTML 5Page - PHOENIX CONTACT 1908842 Datasheet HTML 6Page - PHOENIX CONTACT  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
MC 1,5/10-ST-3,81 Order No.: 1803659
http://eshop.phoenixcontact.de/phoenix/treeViewClick.do?UID=1803659
PHOENIX CONTACT GmbH & Co. KG
Page 4 / 6
http://www.phoenixcontact.de
Mar 31, 2008
Marking
1051993
B-STIFT
Marker pen, for manual labeling of unprinted Zack strips, smear-
proof and waterproof, line thickness 0.5 mm
0804109
SK 3,81/2,8:FORTL.ZAHLEN
Marker card, printed horizontally, self-adhesive, 10-section marker
strip, 14 identical decades marked 1-10, 11-20 etc. up to 91-
(99)100, sufficient for 140 terminal blocks
0805056
SK 3,81/2,8:SO
Marker card, special printing, self-adhesive, labeled acc. to
customer requirements, 14 identical marker strips per card, max.
25-position labeling per strip, color: White
0803883
SK U/2,8 WH:UNBEDRUCKT
Unprinted marker cards, DIN A4 format, pitch as desired, self-
adhesive, with 50 stamped marker strips, 185 mm strip length, can
be labeled with the CMS system or manually with the M-PEN
Tools
1205037
SZS 0,4X2,5
Screwdriver, bladed, matches all screw terminal blocks up to 1.5
mm² connection cross section, blade: 0.4 x 2.5 mm
Additional products
Item
Designation
Description
General
1897885
EMC 1,5/10-G-3,81
Header, nominal current: 8 A, rated voltage: 160 V, pitch: 3.81
mm, no. of positions: 10, mounting: press in
1860728
EMCV 1,5/10-G-3,81
Header, nominal current: 8 A, rated voltage: 160 V, pitch: 3.81
mm, no. of positions: 10, mounting: press in
1857964
IMC 1,5/10-ST-3,81
Plug component, nominal current: 8 A, rated voltage: 160 V,
pitch: 3.81 mm, no. of positions: 10, type of connection: Screw
connection
1803358
MC 1,5/10-G-3,81
Header, nominal current: 8 A, rated voltage: 160 V, pitch: 3.81
mm, no. of positions: 10, mounting: Soldering
1908842
MC 1,5/10-G-3,81 THT
Header, nominal current: 8 A, rated voltage: 160 V, pitch: 3.81
mm, no. of positions: 10, mounting: SMD / THT
1830033
MCD 1,5/10-G-3,81
Header, nominal current: 8 A, rated voltage: 160 V, pitch: 3.81
mm, no. of positions: 10, mounting: Soldering
1843156
MCD 1,5/10-G1-3,81
Header, nominal current: 8 A, rated voltage: 160 V, pitch: 3.81
mm, no. of positions: 10, mounting: Soldering
1830486
MCDV 1,5/10-G-3,81
Header, nominal current: 8 A, rated voltage: 160 V, pitch: 3.81
mm, no. of positions: 10, mounting: Soldering
1847819
MCDV 1,5/10-G1-3,81
Header, nominal current: 8 A, rated voltage: 160 V, pitch: 3.81
mm, no. of positions: 10, mounting: Soldering
1861808
MCO 1,5/10-GL-3,81
Header, nominal current: 8 A, rated voltage: 125 V, pitch: 3.81
mm, no. of positions: 10, mounting: Soldering
1861727
MCO 1,5/10-GR-3,81
Header, nominal current: 8 A, rated voltage: 125 V, pitch: 3.81
mm, no. of positions: 10, mounting: Soldering



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com