Electronic Components Datasheet Search
  English  ▼

X  

MPX53 Datasheet(PDF) 7 Page - NXP Semiconductors

Part # MPX53
Description  MPX53, 0 to 50 kPa, Differential and Gauge, Uncompensated, Silicon Pressure Sensors
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

MPX53 Datasheet(HTML) 7 Page - NXP Semiconductors

Back Button MPX53 Datasheet HTML 3Page - NXP Semiconductors MPX53 Datasheet HTML 4Page - NXP Semiconductors MPX53 Datasheet HTML 5Page - NXP Semiconductors MPX53 Datasheet HTML 6Page - NXP Semiconductors MPX53 Datasheet HTML 7Page - NXP Semiconductors MPX53 Datasheet HTML 8Page - NXP Semiconductors MPX53 Datasheet HTML 9Page - NXP Semiconductors MPX53 Datasheet HTML 10Page - NXP Semiconductors MPX53 Datasheet HTML 11Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 12 page
background image
MPX53
Sensors
Freescale Semiconductor, Inc.
7
3
Package Information
3.1
Pressure (P1)/Vacuum (P2) side identification
Freescale designates the two sides of the pressure sensor as the Pressure (P1) side and the Vacuum (P2) side. The Pressure
(P1) side is the side containing silicone gel which isolates the die from the environment. The Freescale MPX53 pressure sensor
is designed to operate with positive differential pressure applied, P1 > P2.
The Pressure (P1) side may be identified by using the following table.
Part number
Case number
Pressure (P1) side identifier
MPX53D
98ASB42280B
Stainless steep cap
MPX53DP
98ASB14912C
Side with port marking
MPX53GP
98ASB14911C
Side with port attached



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com