Electronic Components Datasheet Search
  English  ▼

X  

MPX53GP Datasheet(PDF) 1 Page - NXP Semiconductors

Part # MPX53GP
Description  MPX53, 0 to 50 kPa, Differential and Gauge, Uncompensated, Silicon Pressure Sensors
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

MPX53GP Datasheet(HTML) 1 Page - NXP Semiconductors

  MPX53GP Datasheet HTML 1Page - NXP Semiconductors MPX53GP Datasheet HTML 2Page - NXP Semiconductors MPX53GP Datasheet HTML 3Page - NXP Semiconductors MPX53GP Datasheet HTML 4Page - NXP Semiconductors MPX53GP Datasheet HTML 5Page - NXP Semiconductors MPX53GP Datasheet HTML 6Page - NXP Semiconductors MPX53GP Datasheet HTML 7Page - NXP Semiconductors MPX53GP Datasheet HTML 8Page - NXP Semiconductors MPX53GP Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
Freescale reserves the right to change the detail specifications as may be required to permit
improvements in the design of its products.
Freescale Semiconductor
Document Number: MPX53
Data Sheet: Technical Data
Rev. 7.1, 07/2015
© 2007-2009, 2015 Freescale Semiconductor, Inc. All rights reserved.
MPX53, 0 to 50 kPa, Differential and
Gauge, Uncompensated,
Silicon Pressure Sensors
The MPX53 series silicon piezoresistive pressure sensors provide a very
accurate and linear voltage output, directly proportional to the applied pressure.
These standard, uncompensated sensors permit manufacturers to design and
add their own external temperature compensating and signal conditioning
networks. Compensation techniques are simplified because of the predictability
of Freescale's single element strain gauge design.
Features
•
Patented silicon shear stress strain gauge design
•
Ratiometric to supply voltage
•
Easy to use chip carrier package options
•
60 mV span (typical)
•
Differential and gauge options
Typical applications
•
Air movement control
•
Environmental control systems
•
Level indicators
•
Leak detection
•
Medical instrumentation
•
Industrial controls
•
Pneumatic control systems
•
Robotics
Ordering information
Device name
Shipping
Package
# of Ports
Pressure type
Device
marking
None
Single
Dual
Gauge
Differential
Absolute
Unibody package
MPX53D
Rail
98ASB42280B
•
•
MPX53D
MPX53DP
Rail
98ASB14912C
•
•
MPX53DP
MPX53GP
Rail
98ASB14911C
•
•
MPX53GP
MPX53
Unibody packages
MPX53
Case 98ASB42280B
Front view
Pinout
MPX53GP
Case 98ASB14911C
MPX53DP
Case 98ASB14912C
1 234
Pin 1
identification


Similar Part No. - MPX53GP

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MPX53GP MOTOROLA-MPX53GP Datasheet
150Kb / 8P
50 KPA UNCOMPENSATED SILICON PRESSURE SENSORS
MPX53GP MOTOROLA-MPX53GP Datasheet
6Mb / 670P
Sensor
logo
Freescale Semiconductor...
MPX53GP FREESCALE-MPX53GP Datasheet
221Kb / 9P
50 kPa Uncompensated Silicon Pressure Sensors
MPX53GP FREESCALE-MPX53GP Datasheet
117Kb / 8P
50 kPa Uncompensated Silicon Pressure Sensors
MPX53GP FREESCALE-MPX53GP Datasheet
131Kb / 8P
50 kPa Uncompensated Silicon Pressure Sensors
More results

Similar Description - MPX53GP

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MPX53 MOTOROLA-MPX53 Datasheet
150Kb / 8P
50 KPA UNCOMPENSATED SILICON PRESSURE SENSORS
logo
Freescale Semiconductor...
MPVZ12 FREESCALE-MPVZ12 Datasheet
236Kb / 14P
10 kPa Uncompensated Silicon Pressure Sensors
MPVZ12 FREESCALE-MPVZ12_07 Datasheet
324Kb / 13P
10 kPa Uncompensated Silicon Pressure Sensors
MPX53 FREESCALE-MPX53 Datasheet
221Kb / 9P
50 kPa Uncompensated Silicon Pressure Sensors
MPX12 FREESCALE-MPX12_08 Datasheet
237Kb / 14P
10 kPa Uncompensated Silicon Pressure Sensors
MPX53 FREESCALE-MPX53_08 Datasheet
117Kb / 8P
50 kPa Uncompensated Silicon Pressure Sensors
MPX53 FREESCALE-MPX53_09 Datasheet
131Kb / 8P
50 kPa Uncompensated Silicon Pressure Sensors
logo
NXP Semiconductors
MP3V5050 NXP-MP3V5050 Datasheet
432Kb / 15P
MP3V5050, 0 to 50 kPa, Differential, and Gauge Pressure Sensor
Rev. 1.4, 12/2018
MPX5100 NXP-MPX5100 Datasheet
496Kb / 20P
MPX5100, 0 to 100 kPa, Differential, Gauge, and Absolute, Integrated, Pressure Sensors
Rev. 14, 12/2018
MPXM2051G NXP-MPXM2051G Datasheet
828Kb / 10P
MPXM2051G, 0 to 50 kPa, Gauge Compensated Pressure Sensors
Rev. 4.0, 06/2020
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com