Electronic Components Datasheet Search
  English  ▼

X  

BSP030 Datasheet(PDF) 3 Page - VBsemi Electronics Co.,Ltd

Part # BSP030
Description  N-Channel 30 V (D-S) MOSFET
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VBSEMI [VBsemi Electronics Co.,Ltd]
Direct Link  www.VBsemi.com
Logo VBSEMI - VBsemi Electronics Co.,Ltd

BSP030 Datasheet(HTML) 3 Page - VBsemi Electronics Co.,Ltd

  BSP030 Datasheet HTML 1Page - VBsemi Electronics Co.,Ltd BSP030 Datasheet HTML 2Page - VBsemi Electronics Co.,Ltd BSP030 Datasheet HTML 3Page - VBsemi Electronics Co.,Ltd BSP030 Datasheet HTML 4Page - VBsemi Electronics Co.,Ltd BSP030 Datasheet HTML 5Page - VBsemi Electronics Co.,Ltd BSP030 Datasheet HTML 6Page - VBsemi Electronics Co.,Ltd BSP030 Datasheet HTML 7Page - VBsemi Electronics Co.,Ltd BSP030 Datasheet HTML 8Page - VBsemi Electronics Co.,Ltd  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
TYPICAL CHARACTERISTICS (TA = 25 °C, unless otherwise noted)
Output Characteristics
Transconductance
Capacitance
Transfer Characteristics
On-Resistance vs. Drain Current
Gate Charge
0
8
16
24
32
40
0
2
4
6
8
10
V
DS -Drain-to-Source Voltage (V)
V
GS = 10 V thru 4 V
V
GS = 2 V
V
GS = 3 V
0
6
12
18
24
30
0.0
1.2
2.4
3.6
4.8
6.0
I
D -Drain Current (A)
T
C = 125 °C
T
C = - 55 °C
T
C = 25 °C
0
100
200
300
400
500
0
6
12
18
24
30
V
DS -Drain-to-Source Voltage (V)
C
iss
C
oss
C
rss
0
8
16
24
32
40
0
2
4
6
8
10
V
GS - Gate-to-Source Voltage (V)
T
C = - 55 °C
T
C = 125 °C
T
C = 25 °C
0.00
0.02
0.04
0.06
0.08
0.10
0
8
16
24
32
40
I
D -Drain Current (A)
V
GS = 4.5 V
V
GS = 10 V
0
2
4
6
8
10
0
2
4
6
8
10
Q
g -Total Gate Charge (nC)
V
DS = 15 V
I
D = 6 A
www.VBsemi.tw
www.VBsemi.tw
E-mail:China@VBsemi TEL:86-755-83251052
BSP030
3



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com