Electronic Components Datasheet Search
  English  ▼

X  

BSP122 Datasheet(PDF) 4 Page - VBsemi Electronics Co.,Ltd

Part # BSP122
Description  N-Channel 200 V (D-S) MOSFET
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VBSEMI [VBsemi Electronics Co.,Ltd]
Direct Link  www.VBsemi.com
Logo VBSEMI - VBsemi Electronics Co.,Ltd

BSP122 Datasheet(HTML) 4 Page - VBsemi Electronics Co.,Ltd

  BSP122 Datasheet HTML 1Page - VBsemi Electronics Co.,Ltd BSP122 Datasheet HTML 2Page - VBsemi Electronics Co.,Ltd BSP122 Datasheet HTML 3Page - VBsemi Electronics Co.,Ltd BSP122 Datasheet HTML 4Page - VBsemi Electronics Co.,Ltd BSP122 Datasheet HTML 5Page - VBsemi Electronics Co.,Ltd BSP122 Datasheet HTML 6Page - VBsemi Electronics Co.,Ltd BSP122 Datasheet HTML 7Page - VBsemi Electronics Co.,Ltd BSP122 Datasheet HTML 8Page - VBsemi Electronics Co.,Ltd  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
Fig. 7 - Typical Source-Drain Diode Forward Voltage
Fig. 8 - Maximum Safe Operating Area
Fig. 9 - Maximum Drain Current vs. Case Temperature
Fig. 10a - Switching Time Test Circuit
Fig. 10b - Switching Time Waveforms
Fig. 11 - Maximum Effective Transient Thermal Impedance, Junction-to-Case
91193_07
101
100
10-1
25
°C
150
°C
0.4
0.8
1.6
1.2
2.0
V
GS = 0 V
VSD, Source-to-Drain Voltage (V)
91193_08
100 µs
1 ms
10 ms
Operation in this area limited
by R
DS(on)
T
C = 25 °C
T
J = 150 °C
Single Pulse
102
2
5
2
5
2
5
VDS, Drain-to-Source Voltage (V)
10
102
25
2
5
0.1
1
10
1
25
103
91193_09
TC, Case Temperature (°C)
25
150
125
100
75
50
0.0
0.4
0.6
0.8
1.0
0.2
Pulse width
≤ 1 µs
Duty factor
≤ 0.1 %
R
D
V
GS
R
g
D.U.T.
10 V
+
-
V
DS
V
DD
V
DS
90 %
10 %
V
GS
t
d(on)
t
r
t
d(off)
t
f
91193_11
t1, Rectangular Pulse Duration (S)
10-5
10-4
10-3
10-2
0.1
1
10
102
103
1
0.1
10-2
102
10
0
- 0.5
0.2
0.1
0.05
0.01
Single Pulse
(Thermal Response)
Notes:
1. Duty Factor, D = t
1/t2
2. Peak T
j = PDM x ZthJC + TC
0.02
P
DM
t
1
t
2
E-mail:China@VBsemi TEL:86-755-83251052
www.VBsemi.tw
BSP122
4



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com