Electronic Components Datasheet Search
  English  ▼

X  

BSP250 Datasheet(PDF) 1 Page - VBsemi Electronics Co.,Ltd

Part # BSP250
Description  P-Channel 35 V (D-S) MOSFET
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VBSEMI [VBsemi Electronics Co.,Ltd]
Direct Link  www.VBsemi.com
Logo VBSEMI - VBsemi Electronics Co.,Ltd

BSP250 Datasheet(HTML) 1 Page - VBsemi Electronics Co.,Ltd

  BSP250 Datasheet HTML 1Page - VBsemi Electronics Co.,Ltd BSP250 Datasheet HTML 2Page - VBsemi Electronics Co.,Ltd BSP250 Datasheet HTML 3Page - VBsemi Electronics Co.,Ltd BSP250 Datasheet HTML 4Page - VBsemi Electronics Co.,Ltd BSP250 Datasheet HTML 5Page - VBsemi Electronics Co.,Ltd BSP250 Datasheet HTML 6Page - VBsemi Electronics Co.,Ltd BSP250 Datasheet HTML 7Page - VBsemi Electronics Co.,Ltd BSP250 Datasheet HTML 8Page - VBsemi Electronics Co.,Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
FEATURES
•
Halogen-free According to IEC 61249-2-21
Definition
•TrenchFET® Power MOSFET
•
100 % Rg Tested
•
100 % UIS Tested
•
Compliant to RoHS Directive 2002/95/EC
APPLICATIONS
•
Load Switches, Adaptor Switch
- Notebook PCs
PRODUCT SUMMARY
VDS (V)
RDS(on) ()ID (A)
d
Qg (Typ.)
- 35
0.050 at VGS = - 10 V
- 6.2
9.8 nC
0.060 at VGS = - 4.5 V
- 5.1
Notes:
a. Surface mounted on 1" x 1" FR4 board.
b. t = 10 s.
c. Maximum under steady state conditions is 85 °C/W.
d. Based on TC = 25 °C.
ABSOLUTE MAXIMUM RATINGS (TA = 25 °C, unless otherwise noted)
Parameter
Symbol
Limit
Unit
Drain-Source Voltage
VDS
- 35
V
Gate-Source Voltage
VGS
± 20
Continuous Drain Current (TJ = 150 °C)
TC = 25 °C
ID
- 6.2
A
TC = 70 °C
- 4.8
TA = 25 °C
- 4.5a, b
TA = 70 °C
- 3.4a, b
Pulsed Drain Current
IDM
- 20
Continuous Source-Drain Diode Current
TC = 25 °C
IS
- 3.5
TA = 25 °C
- 2.1a, b
Avalanche Current
L = 0.1 mH
IAS
- 10
Single-Pulse Avalanche Energy
EAS
5mJ
Maximum Power Dissipation
TC = 25 °C
PD
4.2
W
TC = 70 °C
2.7
TA = 25 °C
2.5a, b
TA = 70 °C
1.6a, b
Operating Junction and Storage Temperature Range
TJ, Tstg
- 55 to 150
°C
THERMAL RESISTANCE RATINGS
Parameter
Symbol
Typical
Maximum
Unit
Maximum Junction-to-Ambienta, c
t
10 s
RthJA
40
50
°C/W
Maximum Junction-to-Foot
Steady State
RthJF
24
30
S
G
D
P-Channel MOSFET
SOT-223
G
D
S
D
P-Channel 35 V (D-S) MOSFET
E-mail:China@VBsemi TEL:86-755-83251052
www.VBsemi.tw
BSP250
1


Similar Part No. - BSP250

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BSP250 PHILIPS-BSP250 Datasheet
114Kb / 12P
P-channel enhancement mode vertical D-MOS transistor
1997 Jun 20
logo
Nexperia B.V. All right...
BSP250 NEXPERIA-BSP250 Datasheet
212Kb / 13P
P-channel enhancement mode vertical D-MOS transistor
1997 Jun 20
More results

Similar Description - BSP250

ManufacturerPart #DatasheetDescription
logo
VBsemi Electronics Co.,...
VBJ2456 VBSEMI-VBJ2456 Datasheet
603Kb / 8P
P-Channel 35 V (D-S) MOSFET
CET4435A VBSEMI-CET4435A Datasheet
1,005Kb / 8P
P-Channel 35 V (D-S) MOSFET
AP9435GK-HF VBSEMI-AP9435GK-HF Datasheet
1,001Kb / 8P
P-Channel 35 V (D-S) MOSFET
NDT452AP-NL VBSEMI-NDT452AP-NL Datasheet
1Mb / 8P
P-Channel 35 V (D-S) MOSFET
NDT454P VBSEMI-NDT454P Datasheet
999Kb / 8P
P-Channel 35 V (D-S) MOSFET
NDT456P VBSEMI-NDT456P Datasheet
999Kb / 8P
P-Channel 35 V (D-S) MOSFET
NTF5P03T3G VBSEMI-NTF5P03T3G Datasheet
999Kb / 8P
P-Channel 35 V (D-S) MOSFET
ZXM64P035GTA VBSEMI-ZXM64P035GTA Datasheet
1,005Kb / 8P
P-Channel 35 V (D-S) MOSFET
ZXMP3A16GTA VBSEMI-ZXMP3A16GTA Datasheet
1,005Kb / 8P
P-Channel 35 V (D-S) MOSFET
SSM452 VBSEMI-SSM452 Datasheet
1,005Kb / 8P
P-Channel 35 V (D-S) MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com