Electronic Components Datasheet Search
  English  ▼

X  

1783708 Datasheet(PDF) 1 Page - PHOENIX CONTACT

Part # 1783708
Description  Printed-circuit board connector - MVSTBR 2,5/ 3-ST-5,08 BK
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

1783708 Datasheet(HTML) 1 Page - PHOENIX CONTACT

  1783708 Datasheet HTML 1Page - PHOENIX CONTACT 1783708 Datasheet HTML 2Page - PHOENIX CONTACT 1783708 Datasheet HTML 3Page - PHOENIX CONTACT 1783708 Datasheet HTML 4Page - PHOENIX CONTACT  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
https://www.phoenixcontact.com/us/produkte/1783708
11.10.2012   Page 1 / 4
Printed-circuit board connector - MVSTBR 2,5/ 3-ST-5,08
BK - 1783708
Please be informed that the data shown in this PDF Document is generated from our Online Catalog. Please find the complete data in
the user's documentation. Our General Terms of Use for Downloads are valid
(http://download.phoenixcontact.com)
Plug component, Nominal current: 12 A, Number of positions: 3, Pitch: 5.08 mm, Connection method:
Screw connection, Color: Black, Contact surface: Tin
Key commercial data
Packing unit
1
Minimum order quantity
1
GTIN
Custom tariff number
85366990
Country of origin
GERMANY
Technical data
Dimensions / positions
Pitch
5.08 mm
Dimension a
10.16 mm
Number of positions
3
Technical data
Range of articles
MVSTBR 2,5/..-ST
Connection in acc. with standard
EN-VDE
Nominal current IN
12 A
Nominal voltage UN
250 V
Nominal cross section
2.5 mm²
Nominal voltage, UL/CUL Use Group B
300 V
Nominal current, UL/CUL Use Group B
15 A
Nominal voltage, UL/CUL Use Group D
300 V
Nominal current, UL/CUL Use Group D
15 A
Connection data
Conductor cross section solid min.
0.2 mm²
Conductor cross section solid max.
2.5 mm²
Conductor cross section stranded min.
0.2 mm²
Conductor cross section stranded max.
2.5 mm²
Conductor cross section stranded, with ferrule without plastic
sleeve min.
0.25 mm²
Conductor cross section stranded, with ferrule without plastic
sleeve max.
2.5 mm²
Conductor cross section stranded, with ferrule with plastic sleeve
min.
0.25 mm²


Similar Part No. - 1783708

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1783740 PHOENIX-1783740 Datasheet
142Kb / 6P
MSTB 2,5/10-ST
1783740 PHOENIX-1783740 Datasheet
99Kb / 3P
MSTB 2,5/10-ST BD: 1-10
1783740 PHOENIX-1783740 Datasheet
102Kb / 3P
MSTB 2,5/10-ST-5,08 BK
1783779 PHOENIX-1783779 Datasheet
142Kb / 6P
MSTB 2,5/ 8-ST
1783779 PHOENIX-1783779 Datasheet
149Kb / 8P
MSTB 2,5/ 8-ST-5,08
More results

Similar Description - 1783708

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1736506 PHOENIX-1736506 Datasheet
321Kb / 13P
Printed-circuit board connector - MVSTBR 2,5/ 6-ST-5,08 BK
1741834 PHOENIX-1741834 Datasheet
70Kb / 5P
Printed-circuit board connector - MVSTBR 2,5/ 4-ST-5,08 BK
1740411 PHOENIX-1740411 Datasheet
55Kb / 3P
Printed-circuit board connector - MVSTBR 2,5/ 3-ST BK
1740916 PHOENIX-1740916 Datasheet
63Kb / 4P
Printed-circuit board connector - MVSTBR 2,5/10-ST-5,08 BK
1747083 PHOENIX-1747083 Datasheet
59Kb / 4P
Printed-circuit board connector - MVSTBR 2,5/ 3-ST-5,08 BK PA13
1783054 PHOENIX-1783054 Datasheet
59Kb / 4P
Printed-circuit board connector - MVSTBR 2,5/11-ST-5,08 BK
1764345 PHOENIX-1764345 Datasheet
59Kb / 4P
Printed-circuit board connector - MVSTBR 2,5/ 7-ST-5,08 BK
1801182 PHOENIX-1801182 Datasheet
58Kb / 4P
Printed-circuit board connector - MVSTBR 2,5/15-ST-5,08 BK
1801181 PHOENIX-1801181 Datasheet
56Kb / 4P
Printed-circuit board connector - MVSTBR 2,5/14-ST-5,08 BK
1805754 PHOENIX-1805754 Datasheet
59Kb / 4P
Printed-circuit board connector - MVSTBR 2,5/ 3-ST-5,08 BK AU
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com