Electronic Components Datasheet Search
  English  ▼

X  

1845358 Datasheet(PDF) 1 Page - PHOENIX CONTACT

Part # 1845358
Description  ICV 2,5/ 4-G-5,08
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

1845358 Datasheet(HTML) 1 Page - PHOENIX CONTACT

  1845358 Datasheet HTML 1Page - PHOENIX CONTACT 1845358 Datasheet HTML 2Page - PHOENIX CONTACT 1845358 Datasheet HTML 3Page - PHOENIX CONTACT 1845358 Datasheet HTML 4Page - PHOENIX CONTACT 1845358 Datasheet HTML 5Page - PHOENIX CONTACT 1845358 Datasheet HTML 6Page - PHOENIX CONTACT  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
PHOENIX CONTACT Deutschland GmbH
Page 1 / 6
http://www.phoenixcontact.de
Mar 19, 2010
Extract from the online
catalog
 
ICV 2,5/ 4-G-5,08
Order No.: 1785968
The figure shows a 10-position version of the product
http://eshop.phoenixcontact.de/phoenix/treeViewClick.do?UID=1785968
 
 
Header, Nominal current: 12 A, Nom. voltage: 320 V, Pitch: 5.08 mm,
Number of positions: 4, Color: green, Assembly: Soldering
 
Commercial data
EAN
4017918042110
Pack
50 pcs.
Customs tariff
85366990
Weight/Piece
0.00517 KG
Catalog page information
Page 265 (CC-2009)
Product notes
WEEE/RoHS-compliant since:
01/01/2003
http://
www.download.phoenixcontact.com
Please note that the data given
here has been taken from the
online catalog. For comprehensive
information and data, please refer
to the user documentation. The
General Terms and Conditions of
Use apply to Internet downloads.
Technical data
Dimensions / positions
Length
10.2 mm
Pitch
5.08 mm
Dimension a
15.24 mm
Number of positions
4
Pin dimensions
1,2 x 0,5


Similar Part No. - 1845358

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1845358 PHOENIX-1845358 Datasheet
176Kb / 7P
MVSTBR 2,5/ 4-ST-5,08
1845358 PHOENIX-1845358 Datasheet
156Kb / 7P
MVSTBW 2,5/ 4-ST-5,08
1845358 PHOENIX-1845358 Datasheet
154Kb / 6P
IC 2,5/ 4-G-5,08
1845358 PHOENIX-1845358 Datasheet
148Kb / 7P
MSTBT 2,5/ 4-ST-5,08
More results

Similar Description - 1845358

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1785955 PHOENIX-1785955 Datasheet
169Kb / 7P
ICV 2,5/ 3-G-5,08
1786006 PHOENIX-1786006 Datasheet
150Kb / 10P
Base strip - ICV 2,5/ 8-G-5,08
1786077 PHOENIX-1786077 Datasheet
82Kb / 5P
Base strip - ICV 2,5/15-G-5,08
1786132 PHOENIX-1786132 Datasheet
81Kb / 4P
Base strip - ICV 2,5/21-G-5,08
1786158 PHOENIX-1786158 Datasheet
81Kb / 4P
Base strip - ICV 2,5/23-G-5,08
1786161 PHOENIX-1786161 Datasheet
81Kb / 4P
Base strip - ICV 2,5/24-G-5,08
1920969 PHOENIX-1920969 Datasheet
95Kb / 2P
ICV 2,5/ 5-G-5,08 BK
1943535 PHOENIX-1943535 Datasheet
145Kb / 4P
ICV 2,5 HC/ 2-G-5,08
1943593 PHOENIX-1943593 Datasheet
145Kb / 4P
ICV 2,5 HC/ 8-G-5,08
1943551 PHOENIX-1943551 Datasheet
593Kb / 16P
PCB header - ICV 2,5 HC/ 4-G-5,08
Jan 4, 2023
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com